Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Configuration
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
85
Preliminary
Table 8-2 GPIO External Signals Map
Pins in shaded rows are not available in 56F8014
GPIO Function
Peripheral Function
LQFP
Package Pin
Notes
GPIOA0
PWM0
28
Defaults to A0
GPIOA1
PWM1
27
Defaults toA1
GPIOA2
PWM2
23
Defaults to A2
GPIOA3
PWM3
Not bonded out in 56F8014
Defaults to A3
GPIOA4
PWM4 / FAULT1 / T2
22
SIM register SIM_GPS is used to
select between PWM4, FAULT1, and
T2
Defaults to A4
GPIOA5
PWM5 / FAULT2 / T3
20
SIM register SIM_GPS is used to
select between PWM5, FAULT2, and
T3
Defaults to A5
GPIOA6
FAULT0
Not bonded out in 56F8014
Defaults to A6
GPIOA7
RESET
16
Defaults to RESET
GPIOB0
SCLK / SCL
21
SIM register SIM_GPS is used to
select between SCLK and SCL
Defaults to B0
GPIOB1
SS / SDA
1
SIM register SIM_GPS is used to
select between SS and SDA
Defaults to B1
GPIOB2
MISO / T2
18
SIM register SIM_GPS is used to
select between MISO and T2
Defaults to B2
GPIOB3
MOSI / T3
17
SIM register SIM_GPS is used to
select between MOSI and T3
Defaults to B3
GPIOB4
T0 / CLKO
19
SIM register SIM_GPS is used to
select between T0 and CLKO
Defaults to B4
GPIOB5
T1 / FAULT3
3
SIM register SIM_GPS is used to
select between T1 and FAULT3
Defaults to B5
GPIOB6
RXD / SDA / CLKIN
32
SIM register SIM_GPS is used to
select between RXD and SDA.
CLKIN functionality is enabled using
the PLL Control Register within the
OCCS block.
Defaults to B6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com