Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
73
Preliminary
6.3.8.10
Configure GPIOB1 (CFG_B1)—Bit 5
This bit selects the alternate function for GPIOB1.
•0 = SS (default)
•1 = SDA
6.3.8.11
Configure GPIOB0 (CFG_B0)—Bit 4
This bit selects the alternate function for GPIOB0.
•
0 = SCLK (default)
•1 = SCL
6.3.8.12
Configure GPIOA5[1:0] (CFG_A5)—Bits 3–2
These bits select the alternate function for GPIOA5.
•
00 = Select PWM5 when peripheral mode is enabled in GPIOA5 (default)
•
01 = Select PWM5 when peripheral mode is enabled in GPIOA5
•
10 = Select FAULT2 when peripheral mode is enabled in GPIOA5
•
11 = Select T3 when peripheral mode is enabled in GPIOA5
6.3.8.13
Configure GPIOA4[1:0] (CFG_A4)—Bits 1–0
These bits select the alternate function for GPIOA4.
•
00 = Select PWM4 when peripheral mode is enabled in GPIOA4 (default)
•
01 = Select PWM4 when peripheral mode is enabled in GPIOA4
•
10 = Select FAULT1 when peripheral mode is enabled in GPIOA4
•
11 = Select T2 when peripheral mode is enabled in GPIOA4
6.3.9
Peripheral Clock Enable Register (SIM_PCE)
The Peripheral Clock Enable register is used to enable or disable clocks to the peripherals as a power
savings feature. The clocks can be individually controlled for each peripheral on the chip. The
corresponding peripheral should itself be disabled while its clock is shut off. IPBus writes cannot be made
to a module that has its clock disabled.
Figure 6-11 Peripheral Clock Enable Register (SIM_PCE)
6.3.9.1
I2C IPBus Clock Enable (I2C)—Bit 15
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
I2C
0
ADC
0
0
0
0
0
0
TMR
0
SCI
0
SPI
0
PWM
Write
RESET
0
0
0
0
00
0
0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com