Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
DC Electrical Characteristics
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
95
Preliminary
10.2 DC Electrical Characteristics
(a) See Figure 10-1
Default Mode
Pin Group 1: GPIO, TDI, TDO, TMS, TCK
Pin Group 2: RESET, GPIOA7
Pin Group 3: ADC analog inputs
Figure 10-1 IIN/IOZ vs. Voltage (Typical)
Table 10-5 DC Electrical Characteristics
At Recommended Operating Conditions
Characteristic
Symbol
Notes
Min
Typ
Max
Unit
Test
Conditions
Output Voltage High
VOH
Pin Group 1
2.4
—
—
V
IOH = IOHmax
Output Voltage Low
VOL
Pin Groups 1, 2
—
—
0.4
V
IOL = IOLmax
Digital Input Current High (a)
pull-up enabled or disabled
IIH
Pin Groups 1, 2
—
0
+/- 2.5
µAV
IN = 2.4V
to 5.5V
ADC Input Current High
IIHA
Pin Group 3
—
0
+/- 10
µAV
INA = VDDA
Digital Input Current Low (a)
pull-up enabled
pull-up disabled
IIL
Pin Groups 1, 2
-15
—
-30
-60
+/- 2.5
µAV
IN = 0V
ADC Input Current Low
IILA
Pin Group 3
—
0
+/- 10
µAV
INA = 0V
Output Current
High Impedance State (a)
IOZ
Pin Groups 1, 2
—
0
+/- 2.5
µAV
OUT = 2.4V
to 5.5V or
0V
Schmitt Trigger Input Hysteresis
VHYS
Pin Groups 1, 2
—
0.35
—
V
—
Input Capacitance
CIN
—10
—
pF
—
Output Capacitance
COUT
—10
—
pF
—
2.0
0.0
- 2.0
- 4.0
- 6.0
- 8.0
- 10.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6.0
3.5
4.0
4.5
5.0
5.5
Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com