Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
Award-Winning Development Environment
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
7
Preliminary
PWM frequency. Edge-aligned and center-aligned synchronous pulse width control (0% to 100%
modulation) is supported. The device is capable of controlling most motor types: ACIM (AC Induction
Motors), both BDC and BLDC (Brush and Brushless DC motors), SRM and VRM (Switched and Variable
Reluctance Motors), and stepper motors. The PWM incorporates fault protection and cycle-by-cycle
current limiting with sufficient output drive capability to directly drive standard optoisolators. A
“smoke-inhibit”, write-once protection feature for key parameters is also included. A patented PWM
waveform distortion correction circuit is also provided. Each PWM is double-buffered and includes
interrupt controls to permit integral reload rates to be programmable from 1/2 (center-aligned mode only)
to 16. The PWM module provides reference outputs to synchronize the Analog-to-Digital Converter
(ADC) through Quad Timer, Channels 2 and 3.
This Digital Signal Controller also provides a full set of standard programmable peripherals that include
one Serial Communications Interface (SCI), one Serial Peripheral Interface (SPI), one Quad Timer, and
one Inter-Integrated Circuit (I2C) interface. Any of these interfaces can also be used as General Purpose
Input/Outputs (GPIOs).
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The CodeWarrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs), demonstration board kit and
development system cards will support concurrent engineering. Together, PE, CodeWarrior and EVMs
create a complete, scalable tools solution for easy, fast, and efficient development.
1.4 Architecture Block Diagram
The 56F8014’s architecture is shown in Figure 1-1, Figure 1-2, and Figure 1-3. Figure 1-1 illustrates
how the 56800E system buses communicate with internal memories and the IPBus Bridge. Table 1-1 lists
the internal buses in the 56800E architecture and provides a brief description of their function. Figure 1-2
and Figure 1-3 show the peripherals and control blocks connected to the IPBus Bridge. The figures do not
show the on-board regulator and power and ground signals. They also do not show the multiplexing
between peripherals or the dedicated GPIOs. Please see Part 2 Signal/Connection Descriptions to see
which signals are multiplexed with those of other peripherals.
1.4.1
PWM, TMR and ADC Connections
Figure 1-3 shows the over/under voltage connections from the ADC to the PWM and the connections to
the PWM from the TMR and GPIO. These signals can control the PWM outputs in a similar manner to the
over/under voltage control signals. See the 56F8000 Peripheral Reference Manual for additional
information.
The PWM_reload_sync output can be connected to the TMR channel 3 input and the TMR channels 2 and
3 outputs are connected to the ADC sync inputs. TMR channel 3 output is connected to SYNCO and TMR
channel 2 is connected to SYNC1. These are controlled by bits in the SIM Control Register; see Section
6.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com