Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
56F8014 Technical Data, Rev. 3
74
Freescale Semiconductor
Preliminary
6.3.9.2
Reserved—Bit 14
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.3
Analog-to-Digital Converter IPBus Clock Enable (ADC)—Bit 13
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled
6.3.9.4
Reserved—Bits 12–7
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.5
Timer IPBus Clock Enable (TMR)—Bit 6
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled
6.3.9.6
Reserved—Bit 5
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.7
SCI IPBus Clock Enable (SCI)—Bit 4
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled
6.3.9.8
Reserved—Bit 3
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.9
SPI IPBus Clock Enable (SPI)—Bit 2
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled
6.3.9.10
Reserved—Bit 1
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.3.9.11
PWM IPBus Clock Enable (PWM)—Bit 0
Each bit controls clocks to the indicated peripheral.
•
0 = The clock is not provided to the peripheral (the peripheral is disabled)
•
1 = Clocks are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com