Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
Reset, Stop, Wait, Mode Select, and Interrupt Timing
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
101
Preliminary
10.8 Reset, Stop, Wait, Mode Select, and Interrupt Timing
Note: All the address and data buses described here are internal.
Figure 10-6 GPIO Interrupt Timing (Negative Edge-Sensitive)
Table 10-13 Reset, Stop, Wait, Mode Select, and Interrupt Timing1,2
1. In the formulas, T = clock cycle and Tosc = oscillator clock cycle. For an operating frequency of 32MHz, T = 31.25ns. At 8MHz
(used during Reset and Stop modes), T = 125ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Typical Min
Typical Max
Unit
See Figure
Minimum RESET Assertion Duration
tRA
4T
—
ns
Minimum GPIO pin Assertion for Interrupt
tIW
2T
—
ns
10-6
RESET deassertion to First Address Fetch3
3. During Power-On Reset, it is possible to use the 56F8014 internal reset stretching circuitry to extend this period to 2^21T.
tRDA
96TOSC + 64T
97TOSC + 65T
ns
Delay from Interrupt Assertion to Fetch of first
instruction (exiting Stop)
tIF
—6T
ns
GPIO pin
(Input)
TIW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com