Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 3Page - Analog Devices AD5380EB Datasheet HTML 4Page - Analog Devices AD5380EB Datasheet HTML 5Page - Analog Devices AD5380EB Datasheet HTML 6Page - Analog Devices AD5380EB Datasheet HTML 7Page - Analog Devices AD5380EB Datasheet HTML 8Page - Analog Devices AD5380EB Datasheet HTML 9Page - Analog Devices AD5380EB Datasheet HTML 10Page - Analog Devices AD5380EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
AD5380
–7–
Figure 4. Serial Interface Timing Diagram (Daisy-Chain mode)
Input Word for DAC N
DB23
UNDEFINED
DB0
SDO
t20
SCLK
SYNC
DIN
DB23
t1
t4
DB23'
t21
t22
DB0'
DB0
Input Word for DAC N+1
Input Word for DAC N
24
48
t13
t3
t2
t1
t7
t8 t9
LDAC
t23
Figure 3. Serial Interface Timing Diagram (Stand-Alone mode)
SCLK
SYNC
DIN
DB23
DB0
t4
t7
t6
1
2
24
CLR
VOUT
t19
t18
24
t9
t8
t3
t2
t1
1
LDAC ACTIVE DURING BUSY
2
LDAC ACTIVE AFTER BUSY
LDAC1
t10
LDAC2
VOUT
1
t16
VOUT
2
BUSY
t11
t12
t13
t13
t15
t14
t17
t17
t5
Selected Register Data
Clocked out.
DB23
DB0
DB23'
DB0'
48
NOP Condition
UNDEFINED
SDO
SCLK
SYNC
DIN
DB23
DB0
Input Word Specifies
Register to be Read
24
t7A
Figure 3a. Serial Interface Timing in Data Readback Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com