Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 8Page - Analog Devices AD5380EB Datasheet HTML 9Page - Analog Devices AD5380EB Datasheet HTML 10Page - Analog Devices AD5380EB Datasheet HTML 11Page - Analog Devices AD5380EB Datasheet HTML 12Page - Analog Devices AD5380EB Datasheet HTML 13Page - Analog Devices AD5380EB Datasheet HTML 14Page - Analog Devices AD5380EB Datasheet HTML 15Page - Analog Devices AD5380EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–12–
AD5380
VOUT39/MON_OUT
This pin has a dual function, it acts a a buffered output for channel 39 in default mode but
when the monitor function is enabled this output acts as the output of a 39-to-1 channel
multiplexer which can be programmed to multiplex one of channels 0 to 38 to the
MON_OUT pin. The MON_OUT pins output impedance is typically 500 ohms and is
intended to drive a high input impedance like that exhibited by SAR ADC inputs.
SER/
PAR.
Interface Select Input. This pin allows the user to select whether the serial or parallel
interface will be used. If it is tied high the serial interface mode is selected and pin 97 (
SPI/
I2C) is used to determine if the interface mode is SPI or I2C.
Parallel interface mode is selected when SER/
PAR is low.
CS/(SYNC/AD0)
In parallel interface mode this pin acts as Chip Select Input (level sensitive, active low).
When low the AD5380 device is selected.
Serial Interface Mode: This is the Frame Synchronisation input signal for the serial
interface. When taken low the internal counter is enabled to count the required number of
clocks before the addressed register is updated.
I2C Mode: This pin acts as a hardware address pin used in conjunction with AD1 to
determine the software address for the device on the I2C bus.
WR /(DCEN/AD1)
Multi Function pin. In parallel interface mode acts as Write enable and in serial interface
mode acts as a daisy chain enable in SPI mode and as a hardware address pin in I2C mode.
Parallel Interface Write Input (edge sensitive). The rising edge of
WR is used in conjunction
with
CS low and the address bus inputs to write to the selected device registers.
Serial Interface: Daisy-Chain Select Input (level sensitive, active high). When high this
signal is used in conjunction with SER/
PAR high to enable SPI serial interface daisy-chain
mode.
I2C Mode: This pin acts as a hardware address pin used in conjunction with AD0 to
determine the software address for this device on the I2C bus.
DB13-DB0
Parallel Data Bus. DB13 is the MSB and DB0 is the LSB of the input data word on the
AD5380
A5-A0
Parallel Address Inputs. A5 to A0 are decoded to address one of the 40 input channels on the
AD5380. Used in conjunction with the REG1 and REG0 pins to determine the destination
register for the input data.
REG1,REG0
REG1 and REG0 are used in decoding the destination registers for the input data. REG1
and REG0 are decoded to address the input data register, offset register or gain register for
the selected channel and also are used to decide the special function registers.
SDOUT/(
A/B)
Serial Data Output in serial interface mode. Tristatable CMOS output. SDO can be used
for daisy-chaining a number of devices together. Data is clocked out on SDO on the rising
edge of SCLK and is valid on the falling edge of SCLK.
When operating in parallel interface mode this pin acts as the A or B data register select
when writing data to the AD5380 data registers when toggle mode is selected (See Toggle
Mode Function). In toggle mode the LDAC is used to switch the output between the data
contained in the A and B data registers. All DAC channels contain two data registers. In
normal mode data register A is the default for data transfers.
BUSY
Digital CMOS Output.
BUSY goes low during internal calculations of the data (x2) loaded
to the DAC data register. During this time the user can continue writing new data to further
x1, c and m registers (these are stored in a FIFO) but no further updates to the DAC
registers and DAC outputs can take place. If
LDAC is taken low while
BUSY is low this
event is stored.
BUSY also goes low during power-on-reset and when the RESET pin is
low. During this time the interface is disabled and any events on
LDAC are ignored. A
CLR operation also brings
BUSY low.
LDAC
Load DAC Logic Input (active low). If
LDAC is taken low while BUSY is inactive (high)
the contents of the input registers are transferred to the DAC registers and the DAC outputs
are updated. If
LDAC is taken low while BUSY is active and internal calculations are
taking place, the
LDAC event is stored and the DAC registers are updated when BUSY
goes inactive. However any events on
LDAC during power-on-reset or RESET are ignored.
CLR
Asynchronous Clear Input (level sensitive, active low). While
CLR is low all LDAC pulses
are ignored. When
CLR is activated all channels are updated with the data contained in the
CLR code register. BUSY is low for a duration of 12us while all channels are being
updated with the
CLR code.
RESET
Asynchronous Digital Reset Input (falling edge sensitive). The function of this pin is
equivalent to that of the Power-On-Reset generator. When this pin is taken low, the state-
machine initiates a reset sequence to digitally reset x1, m, c, and x2 registers to their default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com