Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 1 Page - Analog Devices

  AD5380EB Datasheet HTML 1Page - Analog Devices AD5380EB Datasheet HTML 2Page - Analog Devices AD5380EB Datasheet HTML 3Page - Analog Devices AD5380EB Datasheet HTML 4Page - Analog Devices AD5380EB Datasheet HTML 5Page - Analog Devices AD5380EB Datasheet HTML 6Page - Analog Devices AD5380EB Datasheet HTML 7Page - Analog Devices AD5380EB Datasheet HTML 8Page - Analog Devices AD5380EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD5380
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2003
14
DAC
REG
0
VOUT 0
LDAC
CLR
WR/(DCEN/AD1)
FIFO EN
BUSY
INTERFACE
CONTROL
LOGIC
AVDD (X5)
DVDD (X3)
DGND (X3)
+
14
INPUT
REG
0
14
m REG0
c REG0
14
14
14
AGND (X5)
+
INPUT
REG
6
14
m REG6
14
14
14
X
+
-
c REG6
14
14
DAC 6
DAC
REG
6
VOUT 5
+
INPUT
REG
7
14
m REG7
c REG7
14
VOUT 1
VOUT 4
14
DAC
REG
7
14
VOUT 7
VOUT 8
VOUT 38
VOUT 2
VOUT 3
AD5380
X5
X
X
VOUT 6
14
14
DAC 0
DAC 7
+
INPUT
REG
1
14
m REG1
14
14
14
X
c REG1
14
14
DAC 1
DAC
REG
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
+
-
+
-
+
-
.
.
.
POWER-ON
RESET
FIFO
+
STATE
MACHINE
+
CONTROL
LOGIC
RESET
DB10
DB0
.
DB13 /(DIN/SDA)
A0
A5
CS/(SYNC/AD0)
REG0
REG1
SER/PAR
2.5V
Reference
REFOUT/ REFIN
DB12 /(SCLK/SCL)
PD
R
R
R
R
R
R
R
R
SIGNAL GND (X5)
REFGND
DAC GND (X5)
SDO(A/B)
DB11 /(SPI/I2C)
39 -TO-1
MUX
VOUT 0 .......... VOUT 38
VOUT 39 / MON_OUT
40-Channel,3V/5VSingleSupply,
14-Bit,Voltage-OutputDAC
FEATURES
Guaranteed Monotonic
INL Error: ±4LSB max
On-Chip 1.25/2.5V, 10ppm/°C Reference
Temperature Range: -40°C to +85°C
Rail to Rail Output Amplifier
Package Type: 100-lead LQFP (14mm x 14mm)
User Interfaces:
Parallel,
Serial (SPI, QSPI, Microwire and DSP compatible
featuring Data Readback)
I2C Compatible Interface
INTEGRATED FUNCTIONS
Channel Monitor
Simultaneous Output Update via
LDAC
LDAC
LDAC
LDAC
LDAC
Clear Function to User Programmable Code
Amplifier Boost Mode to Optimize Slew Rate
User Programmable Offset and Gain Adjust
Toggle Mode: Enables Squarewave Generation
APPLICATIONS
Variable Optical Attenuators (VOA)
Level Setting
Optical Microelectromechanical Systems (MEMs)
Control Systems
GENERAL DESCRIPTION
The AD5380 is a complete single supply, 40-channel, 14-
bit DAC available in 100-lead LQFP package. All
40-channels
have an on-chip output amplifier with rail-to-
rail operation. The AD5380 includes an internal 1.25/
2.5V, 10ppm/°C reference, an on-chip channel monitor
function that multiplexes the analog outputs to a common
MON_OUT pin for external monitoring and an output
amplifier boost mode that allows the amplifier settling
time to be optimized. The AD5380 contains a double
buffered parallel interface featuring a
WR pulse width of
20ns, a
serial interface compatible with SPITM, QSPITM,
MICROWIRE
TM and DSP interface standards with
interface speeds in excess of 30MHz and an I2C
compatible interface supporting 400kHz data transfer rate.
An input register followed by a DAC register provides
double buffering allowing the DAC outputs to be updated
independantly or simultaneously using the
LDAC input.
Each channel has a programmable gain and offset adjust
register allowing the user to fully calibrate any DAC Channel.
Power consumption is typically 0.3mA/channel.
*Protected by U.S. Patent Nos. 5,969,657; other patents pending.
SPI and QSPI are Trademarks of Motorola, Inc.
MICROWIRE is a Trademark of National Semiconductor Corporation.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - AD5380EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
AD5380BSTZ-3 AD-AD5380BSTZ-3 Datasheet
1Mb / 40P
40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
More results

Similar Description - AD5380EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5544 MAXIM-MAX5544 Datasheet
218Kb / 8P
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
Rev 0; 12/99
MAX5234-MAX5235 MAXIM-MAX5234-MAX5235 Datasheet
565Kb / 19P
Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Rev 0; 1/02
MAX5236 MAXIM-MAX5236 Datasheet
553Kb / 19P
Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Rev 0; 1/02
logo
Analog Devices
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5381 AD-AD5381 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
6/04-Data Sheet Changed from Rev. 0 to Rev. A
AD5371 AD-AD5371 Datasheet
300Kb / 25P
40-Channel, 14-Bit Serial Input, Voltage-Output DAC
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com