Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 18Page - Analog Devices AD5380EB Datasheet HTML 19Page - Analog Devices AD5380EB Datasheet HTML 20Page - Analog Devices AD5380EB Datasheet HTML 21Page - Analog Devices AD5380EB Datasheet HTML 22Page - Analog Devices AD5380EB Datasheet HTML 23Page - Analog Devices AD5380EB Datasheet HTML 24Page - Analog Devices AD5380EB Datasheet HTML 25Page - Analog Devices AD5380EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–22–
AD5380
HARDWARE FUNCTIONS
Reset Function
Bringing the
RESET line low resets the contents of all internal registers to their power-on-reset state. Reset is a negative
edge sensitive input. The default corresponds to m at fullscale and c at zero. The contents of the DAC registers are
cleared setting VOUT0-VOUT39 to zero volts. This sequence takes 300us (typ). The falling edge of
RESET initiates
the reset process and
BUSY goes low for the duration returning high when RESET is complete. While BUSY is low
all interfaces are disabled and all LDAC pulses are ignored. When BUSY returns high the part resumes normal
operation and the status of the
RESET pin is ignored till the next falling edge is detected.
Asynchronous Clear Function
Bringing the
CLR line low clears the contents of the DAC registers to the data contained in the user configurable CLR
register and sets VOUT0-VOUT39 accordingly. This function can be used in system calibration to load zeroscale and
fullscale to all channels together.The execution time for a CLR is 32us.
BUSY
BUSY
BUSY
BUSY
BUSY and
LDAC
LDAC
LDAC
LDAC
LDAC Functions
BUSY is a digital cmos output indicating the status of the AD5380 device. The value of x2 (x2 is the internal data
loaded to the DAC data register) is calculated each time the user writes new data to the corresponding x1, c or m regis-
ters. During the calculation of x2 the
BUSY output goes low. While BUSY is low the user can continue writing new data
to the x1, m or c registers but no DAC output updates can take place. The DAC outputs are updated by taking the
LDAC input low. If LDAC goes low while BUSY is active, the LDAC event is stored and the DAC outputs update im-
mediately after
BUSY goes high. The user may hold the LDAC input permanently low and in this case the DAC outputs
update immediately after
BUSY goes high. BUSY also goes low during power-on-reset and when a falling edge is de-
tected on the
RESET pin . During this time all interfaces are disabled and any events on LDAC are ignored.
The AD5380 contains an extra feature whereby a DAC register is not updated unless it’s x2 register has been written to
sincethe last time
LDAC was brought low. Normally, when LDAC is brought low, the DAC registers are filled with the
contents of the x2 registers. However the AD5380 will only update the DAC register if the x2 data has changed, thereby
removing unnecessary digital crosstalk.
FIFO Operation in Parallel mode
The AD5380 contains a FIFO to optimize operation when operating in parallel interface mode. The FIFO Enable
(level sensitive active high)is uesed to enable the internal FIFO. When connected to DVCC the internal FIFO is en-
abled allowing the user to write to the device at full speed. FIFO is only available in parallel interface mode. The status
of the FIFO_EN pin is sampled on power-up, and also following a CLEAR or RESET to determine if the FIFO is
enabled. In either serial or I2C interface modes the FIFO_EN pin shpould be tied low. Up to 128 successive intructions
can be written to the FIFO at maximum speed in parallel mode. When the FIFO is full any further writes to the device
are ignored. Figure 9 shows a comparisson between FIFO mode and non-FIFO mode in terms of channel update time,
diguial loading time is also outlined in this graph.
0.00E+00
5.00E-06
1.00E-05
1.50E-05
2.00E-05
2.50E-05
1
4
7
10 13 16 19 22 25 28 31 34 37 40
Number of Writes
Without FIFO (Channel
update time)
With FIFO (Channel update
time)
With FIFO (digital loading
time)
Figure 8. Channel Update Rate (FIFO vs NON-FIFO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com