Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 20 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 16Page - Analog Devices AD5380EB Datasheet HTML 17Page - Analog Devices AD5380EB Datasheet HTML 18Page - Analog Devices AD5380EB Datasheet HTML 19Page - Analog Devices AD5380EB Datasheet HTML 20Page - Analog Devices AD5380EB Datasheet HTML 21Page - Analog Devices AD5380EB Datasheet HTML 22Page - Analog Devices AD5380EB Datasheet HTML 23Page - Analog Devices AD5380EB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–20–
AD5380
Channel Monitor Function
REG1=REG0=0, A5-A0=001010
DB13-DB8= Contain data to address the channel to be monitored.
A monitor function is provided on all devices. This feature consisting of a multiplexer addressed via the interface allows
any channel output to be routed to this pin for monitoring using an external ADC. In channel monitor mode Vout 39
becomes the MON_OUT pin, the pin to which all monitored pins are routed. The channel monitor function must be
enabled in the control register before any channels are routed to the MON_OUT pin. On the AD5380, DB13 to DB8
contain the channel address for the monitored channel. Selecting channel address 63 tristates the MON_OUT pin.
The Channel Address decoding for the AD5380 is as follows:
REG1
REG0 A5
A4 A3
A2
A1
A0
DB13 DB12 DB11 DB10 DB9 DB8 DB7 ->DB0 AD5380 MON_OUT
0
0
00
1010
00000
0X
Vout 0
0
0
00
1010
00000
1X
Vout 1
0
0
00
1010
00001
0X
Vout 2
0
0
00
1010
00001
1X
Vout 3
0
0
00
1010
00010
0X
Vout 4
0
0
00
1010
00010
1X
Vout 5
0
0
00
1010
00011
0X
Vout 6
0
0
00
1010
00011
1X
Vout 7
0
0
00
1010
00100
0X
Vout 8
0
0
00
1010
00100
1X
Vout 9
0
0
00
1010
00101
0X
Vout 10
0
0
00
1010
00101
1X
Vout 11
0
0
00
1010
00110
0X
Vout 12
0
0
00
1010
00110
1X
Vout 13
0
0
00
1010
00111
0X
Vout 14
0
0
00
1010
00111
1X
Vout 15
0
0
00
1010
01000
0X
Vout 16
0
0
00
1010
01000
1X
Vout 17
0
0
00
1010
01001
0X
Vout 18
0
0
00
1010
01001
1X
Vout 19
0
0
00
1010
01010
0X
Vout 20
0
0
00
1010
01010
1X
Vout 21
0
0
00
1010
01011
0X
Vout 22
0
0
00
1010
01011
1X
Vout 23
0
0
00
1010
01100
0X
Vout 24
0
0
00
1010
01100
1X
Vout 25
0
0
00
1010
01101
0X
Vout 26
0
0
00
1010
01101
1X
Vout 27
0
0
00
1010
01110
0X
Vout 28
0
0
00
1010
01110
1X
Vout 29
0
0
00
1010
01111
0X
Vout 30
0
0
00
1010
01111
1X
Vout 31
0
0
00
1010
10000
0X
Vout 32
0
0
00
1010
10000
1X
Vout 33
0
0
00
1010
10001
0X
Vout 34
0
0
00
1010
10001
1X
Vout 35
0
0
00
1010
10010
0X
Vout 36
0
0
00
1010
10010
1X
Vout 37
0
0
00
1010
10011
0X
Vout 38
0
0
00
1010
10011
1X
Undefined
.
.
..
....
.....
..
.
.
.
..
....
.....
..
.
0
0
00
1010
11111
0X
Undefined
0
0
00
1010
11111
1X
Tristate
Table X. AD5380 Channel Monitor Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com