Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 26 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 22Page - Analog Devices AD5380EB Datasheet HTML 23Page - Analog Devices AD5380EB Datasheet HTML 24Page - Analog Devices AD5380EB Datasheet HTML 25Page - Analog Devices AD5380EB Datasheet HTML 26Page - Analog Devices AD5380EB Datasheet HTML 27Page - Analog Devices AD5380EB Datasheet HTML 28Page - Analog Devices AD5380EB Datasheet HTML 29Page - Analog Devices AD5380EB Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–26–
AD5380
3-Byte Mode
Three byte mode allows the user update more than one channel in a write sequence without having to write the device
address byte each time. The device address byte is only required once and subsequent channel updates require the pointer
byte and the data bytes. In three byte mode the user begins with an address byte (R/
W = 0) after which the DAC will
acknowledge that it is prepared to receive data by pulling SDA low. The address byte is followed by the pointer
byte, this addresses the specific channel in the DAC to be addressed and is also acknowledged by the DAC. This is
then followed by the two data bytes. REG1 and REG0 determine the register to be updated.
If a STOP condition is not sent following the data bytes another channel can be updated by sending a new pointer
byte followed by the data bytes. This mode only requires 3-bytes to be sent to update any channel once the device
has been initially addressed and reduces the software overhead in updating the AD5380 channels. A STOP condition
at any time exits this mode. Figure 12 shows a typical configuration.
Figure 12 . 3-Byte AD5380, I2C Write Operation
0
A0
ACK
BY
AD538X
MSB
POINTER BYTE FOR CHANNEL “N”
A5
A4
A3
A2
A1
0
MOST SIGNIFICANT DATA BYTE
LEAST SIGNIFICANT DATA BYTE
SCL
SDA
REG1
LSB
MSB
LSB
ACK
BY
AD538X
ACK
BY
AD538X
REG0
MSB
1
0
10
1
AD0
R/
W
ACK
BY
AD538X
ADDRESS BYTE
START
COND
BY
MASTER
SCL
SDA
AD1
0
A0
ACK
BY
AD538X
MSB
A5
A4
A3
A2
A1
0
MOST SIGNIFICANT DATA BYTE
LEAST SIGNIFICANT DATA BYTE
SCL
SDA
REG1
LSB
MSB
LSB
ACK
BY
AD538X
ACK
BY
AD538X
STOP
COND
BY
MASTER
REG0
MSB
SCL
SDA
DATA FOR CHANNEL “N”
POINTER BYTE FOR CHANNEL “NEXT CHANNEL”
DATA FOR CHANNEL “NEXT CHANNEL”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com