Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 30 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 26Page - Analog Devices AD5380EB Datasheet HTML 27Page - Analog Devices AD5380EB Datasheet HTML 28Page - Analog Devices AD5380EB Datasheet HTML 29Page - Analog Devices AD5380EB Datasheet HTML 30Page - Analog Devices AD5380EB Datasheet HTML 31Page - Analog Devices AD5380EB Datasheet HTML 32Page - Analog Devices AD5380EB Datasheet HTML 33Page - Analog Devices AD5380EB Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–30–
AD5380
AD5380 to 8051
The AD5380 requires a clock synchronized to the serial
data. The 8051 serial interface must therefore be operated
in Mode 0. In this mode serial data enters and exits
through RxD and a shift clock is output on TxD. Figure
17 shows how the 8051 is connected to the AD5380. Be-
cause the AD5380 shifts data out on the rising edge of
the shift clock and latches data in on the falling edge,
the shift clock must be inverted. The AD5380 requires
its data with the MSB first. Since the 8051 outputs the
LSB first, the transmit routine must take this into account.
AD5380 to ADSP2101/2103
Figure 18 shows a serial interface between the AD5380
and the ADSP-2101/ADSP-2103. The ADSP-2101/
ADSP-2103 should be set up to operate in the SPORT
Transmit Alternate Framing Mode. The ADSP-2101/
ADSP-2103 SPORT is programmed through the SPORT
control register and should be configured as follows: Inter-
nal Clock Operation, Active Low Framing, 16-Bit Word
Length. Transmission is initiated by writing a word to the
Tx register after the SPORT has been enabled.
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consid-
eration of the power supply and ground return layout
helps to ensure the rated performance. The printed circuit
board on which the AD5380 is mounted should be de-
signed so that the analog and digital sections are
separated, and confined to certain areas of the board. If
the AD5380 is in a system where multiple devices require
an AGND-to-DGND connection, the connection should
be made at one point only. The star ground point
should be established as close as possible to the device.
For supplies with multiple pins (AVDD, AVCC) it is recom-
mended to tie those pins together. The AD5380 should
have ample supply bypassing of 10 µF in parallel with
0.1 µF on each supply located as close to the package as
possible, ideally right up against the device. The 10 µF
capacitors are the tantalum bead type. The 0.1 µF capacitor
should have low Effective Series Resistance (ESR) and Ef-
fective Series Inductance (ESI), like the common
ceramic types that provide a low impedance path to
ground at high frequencies, to handle transient currents
due to internal logic switching.
The power supply lines of the AD5380 should use as large a
trace as possible to provide low impedance paths and
reduce the effects of glitches on the power supply line. Fast
switching signals such as clocks should be shielded with
digital ground to avoid radiating noise to other parts of
the board, and should never be run near the reference
inputs. A ground line routed between the DIN and SCLK
lines will help reduce crosstalk between them (not required
on a multilayer board as there will be a separate ground
plane, but separating the lines will help). It is essential to
minimize noise on VIN and REFIN lines.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to
each other. This reduces the effects of feedthrough through
the board. A microstrip technique is by far the best, but not
always possible with a double-sided board. In this tech-
nique, the component side of the board is dedicated to
ground plane while signal traces are placed on the solder
side.
DR
SCK
ADSP2101/
ADSP2103
RESET
SCLK
SDO
DIN
SYNC
AD538X
DVDD
SPI/I2C
RFS
SER/PAR
DT
TFS
Figure 18 . AD5380 -ADSP2101/ADSP3103 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com