Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 28 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 24Page - Analog Devices AD5380EB Datasheet HTML 25Page - Analog Devices AD5380EB Datasheet HTML 26Page - Analog Devices AD5380EB Datasheet HTML 27Page - Analog Devices AD5380EB Datasheet HTML 28Page - Analog Devices AD5380EB Datasheet HTML 29Page - Analog Devices AD5380EB Datasheet HTML 30Page - Analog Devices AD5380EB Datasheet HTML 31Page - Analog Devices AD5380EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–28–
AD5380
AD538X
CONTROLLER/
DSP PROCESSOR*
ADDRESS
DECODE
D15
D0
DATA
BUS
UPPER BITS OF
ADDRESS BUS
A2
A1
A0
R/W
*ADDITIONAL PINS OMITTED FOR CLARITY
D13
D0
CS
LDAC
A2
A1
A0
WR
A3
A4
A5
REG1
REG0
A3
A4
A5
AD5380 PARALLEL INTERFACE
The SER/
PAR pin must be tied low to enable the parallel interface and disable the serial interfaces. Figure 5 shows the
timing diagram for a parallel write. The parallel interface is controlled by the following pins:
CS
CS
CS
CS
CS Pin
Active low device select pin.
WR
WR
WR
WR
WR Pin
On the rising edge of
WR , with CS low, the address on pins A5-A0 are latched and data present on the data bus is
loaded into the selected input registers.
REG0, REG1 Pins
The REG0 and REG1 pins determine the destination register of the data being written to the AD5380. See Table I.
A5-A0 Pins
Each of the 40 DAC channels can be addressed individually.
DB13-DB0 Pins
The AD5380 accepts a straight 14-bit parallel word on DB13-DB0 where DB13 is the MSB and DB0 is the LSB.
MICROPROCESSOR INTERFACING
Parallel Interface
Figure 14 . AD5380 -Parallel Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com