Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5380EB Datasheet(PDF) 18 Page - Analog Devices

Part # AD5380EB
Description  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380EB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5380EB Datasheet HTML 14Page - Analog Devices AD5380EB Datasheet HTML 15Page - Analog Devices AD5380EB Datasheet HTML 16Page - Analog Devices AD5380EB Datasheet HTML 17Page - Analog Devices AD5380EB Datasheet HTML 18Page - Analog Devices AD5380EB Datasheet HTML 19Page - Analog Devices AD5380EB Datasheet HTML 20Page - Analog Devices AD5380EB Datasheet HTML 21Page - Analog Devices AD5380EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–18–
AD5380
AD5380 On-chip Special Function Registers (SFR)
The AD5380 contains a number of special function registers (SFRs)as outlined in table V. SFRs are addressed with
REG1=REG0= 0 and are decoded using the Address bits A5 to A0.
Table V. SFR Register Functions (REG1 =0, REG0 = 0)
R/
W
W
W
W
W A5 A4 A3 A2 A1
A0
Function
X
00000
0
NOP (No Operation)
0
00000
1
Write ClR Code
0
00001
0
Soft CLR
0
00100
0
Soft Power Down
0
00100
1
Soft Power Up
0
00110
0
Control Register Write
1
00110
0
Control Register Read
0
00101
0
Monitor Channel
0
00111
1
Soft Reset
SFR Commands
NOP (no operation)
REG1=REG0=0, A5-A0=000000
Performs no operation but is useful in readback mode to clock out data on Dout for diagnostic purposes.
BUSY pulses
low during a NOP operation.
Write CLR Code
REG1=REG0=0, A5-A0=000001
DB13-DB0= Contain the CLR data.
Bringing the
CLR line low or exercising the soft clear function will load the contents of the DAC registers with the data
contained in the user configurable CLR register and sets VOUT0-VOUT39 accordingly. This can be very useful not
only for setting up a specific output voltage in a clear condition but can also be used for calibration purposes where the
user can load fullscale or zeroscale to the the clear code register and then issue a hardware or software clear to load this
code to all DAC removing the need for individual writes to all DACs. Default on power up is all zeroes.
Soft CLR
REG1=REG0=0, A5-A0=000010
DB13-DB0= Dont Care.
Executing this instruction performs the CLR which is functionally the same as that provided by the external CLR pin.
The DAC outputs are loaded with the data in the CLR code register. The time taken to fully execute the SOFT CLR is
80*400ns and is indicated by the
BUSY low time.
Soft Power Down
REG1=REG0=0, A5-A0=001000
DB13-DB0= Dont Care.
Executing this instruction performs a global power-down feature that puts all channels into a low power mode reducing
both analog and digital power consumption to 5uA. In power down mode the output amplifier can be configured as a
high impedance output or provide a 100k load to ground. The contents of all internal registers are retained in power-
down mode. Cannot write to any register while in power down.
Soft Power up
REG1=REG0=0, A5-A0=001001
DB13-DB0= Dont Care.
This instruction is used to power up the output amplifiers and internal reference. The time to exit power down is XXus.
The hardware power down and software function are internally combined in a digital OR function.
Soft RESET
REG1=REG0=0, A5-A0=001111
DB13-DB0= Dont Care.
This instruction is used to implement a software reset. All internal registers are reset to their default values which corre-
sponds to m at fullscale and c at zero. The contents of the DAC registers are cleared setting all analog outputs to zero
volts. The soft reset activation time is 150us (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com