Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5310 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IP5310
V1.34
3 / 22
Copyright © 2016, Injoinic Corp.
引脚序号
引脚名称
描述
1
L2
电量灯驱动引脚 L2,I2C 功能时为 SDA
2
L3
电量灯驱动引脚 L3,I2C 功能时为 MCU 唤醒引脚
3
VSET
电池类型设置, 4.20V/4.35V/4.40V
4
VTHS
电池平台选择
5
RSET
电池内阻补偿,可微调电量曲线
6
NTC
温敏电阻检测引脚
7
AGND
模拟地
8
KEY
按键输入引脚
9
BAT
电芯供电脚
10
VBUS
VBUS 充电电源检测引脚
11
VBUSG
VBUS 充电输入 PMOS 控制引脚
12
CC1
TYPE-C 检测引脚 CC1
13
CC2
TYPE-C 检测引脚 CC2
14~18
LX
DCDC 开关节点,连接电感
19~22
VOUT
5V 输出引脚
23~24
VIN
5V 输入引脚
25
DMC
输出 DCP D1-
26
DPC
输出 DCP D1+
27
DMA
输出 DCP D0-
28
DPA
输出 DCP D0+
29
DMB
NC 悬空
30
DPB
NC 悬空
31
LIGHT
照明灯驱动引脚,开漏输出
32
L1
电量灯驱动引脚 L1,I2C 功能时为 SCK
33
EPAD
功率地和散热地,需要保持与 GND 良好接触



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com