Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IP5310
V1.34
7 / 22
Copyright © 2016, Injoinic Corp.
再充电阈值
VRCH
4.08
4.1
4.13
V
充电截止时间
TEND
20
24
27
Hour
升压系统
电池工作电压
VBAT
2.9
4.4
V
低电关机电压
VBATLOW
IOUT=2A
2.85
2.95
3.1
V
开关工作电池输入
电流
IBAT
VBAT=3.7V,VOUT=5.1V,fs=500KHz
2
5
20
mA
DC 输出电压
VOUT
VBAT=3.7V
@0A
5.0
5.12
5.25
V
VBAT=3.7V
@3.1A
4.75
5
5.25
V
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=375KHz
50
100
150
mV
升压系统供电电流
Ivout
0
3.1
A
升压系统过流关断
电流
3.15
3.8
5
A
负载过流检测时间
TUVD
输出电压持续低于 4.2V
10
30
50
ms
负载短路检测时间
TOCD
输出电流持续大于 5A
100
150
200
us
控制系统
开关频率
fs
放电开关频率
300
375
450
KHz
充电开关频率
450
500
550
KHz
PMOS 导通电阻
rDSON
15
20
25
NMOS 导通电阻
10
15
20
VIN
VOUT
PMOS 导通电阻
VIN=5V
60
75
90
VIN
VOUT
PMOS 过流保护
IIDOCP
VIN=5V
2.7
3.1
3.6
A
电池输入待机电流
ISTB
VIN=0V,VBAT=3.7V
50
100
150
uA
LED 照明驱动电流
Ilight
20
30
40
mA
LED 显示驱动电流
IL1
IL2
IL3
2
10
20
mA
负载自动检测时间
TloadD
负载电流持续小于 45mA
25
32
44
s
轻载关机电流
Iplout
VBAT=3.7V
20
45
80
mA
短按键唤醒时间
TOnDebounce
50
60
300
ms
打开 light 时间
TKeylight
1.2
2
3
s
热关断结温
TOTP
上升温度
110
140
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com