Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 20 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 20 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
IP5310
V1.34
20 / 22
Copyright © 2016, Injoinic Corp.
IP5310
10uF
Micro-B
DMA
DPA
VOUT
VIN
GND
LX LX LX LX LX
NTC
L2
L1
L3
VSET
RSET
LIGHT
KEY
1UH
AGND GND
EPAD
BAT
BAT
TYPE-C
VIN
VBUS
CC1
VBUS
CC1
CC2
GND
BAT
VTHS
BAT
TYPE-A
DMA
DPA
VOUT
GND
VBUSG
DMC
DMB
DPB
CC2
DPC
D1
25%
D2
50%
D3
75%
D4
100%
1
3
32
2
31
5
8
6
4
24
11
13
12
10
0R/NC
0R/NC
0R/NC
0R/NC
10uF
2R
22
10k
PMOS
10uF
22uF
VIN
23
29
30
25
26
27
28
VOUT
VOUT
VOUT
19
20
21
22uF 22uF 22uF
TYPE-A2
10uF
2R
VOUT
DM
DP
GND
20R
NC
82K
22uF
22uF
RNTC
100K
0R
DMC
DPC
BAT
10uF
1uF
1K
10K
10K
100K
1nF
5.6V
PMOS
PNP
DMB和DPB引脚悬空,不
能和输入/输出USB连接
8 AABC 典型应用原理图(4 LED 指示电量)
电感推荐型号
SPM70701R0
DARFON PIN
Inductance
(uH)
Tolerance
DC Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM10101R0MEC
N
1.0
±20%
3.0
3.3
18
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com