Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 15 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 15 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
IP5310
V1.34
15 / 22
Copyright © 2016, Injoinic Corp.
4 灯模式
放电
电量 C(%)
D1
D2
D3
D4
C≥75%
50%≤C<75%
25%≤C<50%
3%≤C<25%
0%<C<3%
1Hz 闪烁
充电
电量 C(%)
D1
D2
D3
D4
充满
75%≤C
0.5Hz 闪烁
50%≤C<75%
0.5Hz 闪烁
25%≤C<50%
0.5Hz 闪烁
C<25%
0.5Hz 闪烁
3 灯模式
三灯显示方式和四灯类似,每颗灯对应的电池电量如下表
D1
D2
D3
D4
三颗灯
33%
66%
100%
四颗灯
25%
50%
75%
100%
2 灯模式
状态
D1
D2
充电
充电过程
0.5Hz 闪烁
充满
放电
正常放电
低电
1Hz 闪烁
1 灯模式
状态
D1
充电
充电过程
0.5HZ 闪烁
充饱
放电
正常放电
低电
1HZ 闪烁



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com