Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  3A charging 3. 1A discharge Integrated TYPE_C protocol Mobile power SOC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
IP5310
V1.34
19 / 22
Copyright © 2016, Injoinic Corp.
10 典型应用原理图
IP5310 只需要电感、电容、电阻, 即可实现完整功能的移动电源方案。
IP5310
10uF
Micro-B
DMA
DPA
VOUT
VIN
GND
LX LX LX LX LX
NTC
L2
L1
L3
VSET
RSET
LIGHT
KEY
1UH
AGND GND
EPAD
BAT
BAT
VIN
VBUS
CC1
BAT
VTHS
BAT
TYPE-A
DMA
DPA
VOUT
GND
VBUSG
DMC
DMB
DPB
CC2
DPC
D1
25%
D2
50%
D3
75%
D4
100%
1
3
32
2
31
5
8
6
4
24
11
13
12
10
0R/NC
0R/NC
0R/NC
0R/NC
10uF
2R
22
10uF
22uF
VIN
23
29
30
25
26
27
28
VOUT
VOUT
VOUT
19
20
21
22uF 22uF 22uF
TYPE-A2
VOUT
DMC
DPC
GND
20R
NC
82K
22uF
22uF
RNTC
100K
0R
BAT
DMB和DPB引脚悬空,不
能和输入/输出USB连接
7 AAB 典型应用原理图(4 LED 指示电量)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com