Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5312 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IP5312
V1.0
Email: service@injoinic.com
3 / 17
Copyright © 2014, Injoinic Corp.
1. 引脚定义
VIN
VING
VOUT
VOUTG
KEY
NTC
25
26
27
28
29
30
31
1
2
3
4
5
6
16
15
14
13
12
10
11
9
VSYS
LX
LX
LX
LX
LIGHT
PGND
24 23 22 21 20 19 18 17
IP5312
QFN32
7
8
32
L4
RSET
VSET
2
IP5312 引脚图
引脚
描述
序号
名称
1
DP
手机快充智能识别 HVDCP:DP
2
DM
手机快充智能识别 HVDCP:DM
3
VOUT2D
VOUT2 输出口手机插入检测
4
VOUT2G
VOUT2 输出口 MOS 驱动
5
L1
电量灯驱动引脚 L1,I2C 功能时为 SCK
6
L2
电量灯驱动引脚 L2,I2C 功能时为 SDA
7
L3
电量灯驱动引脚 L3,I2C 功能时为 MCU 唤醒引脚
8/9
PGND
功率地
10
L4
电量灯驱动引脚 L4
11
LIGHT
照明灯驱动引脚,开漏输出
12/13/14/15
LX
DCDC 开关节点,连接电感
16/17/18/19
VSYS
系统输入输出公共节点
20
VSP
VSYS 电流采样正端,需要与 VSYS 分开走线
21
VSN
VSYS 电流采样负端
22
VREG
芯片 3.1V 电压输出
23
BAT
电池供电节点
24
AGND
模拟地
25
VIN
VIN 充电电源检测引脚
26
VING
VIN 充电输入 PMOS 控制引脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com