Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IP5312
V1.0
Email: service@injoinic.com
14 / 17
Copyright © 2014, Injoinic Corp.
L1
L2
L3
2.2k
2.2k
VREG
SCK
SDA
Wake_up
I2C 模式最高支持 400Kbps,8bit 寄存器地址,8bit 寄存器数据,发送和接收都是高位在前(MSB),I2C
设备地址:写为 0xEA,读为 0xEB。
例如:
往 0x05 寄存器写入数据 0x5A
SCLK
SDA
Start
sACK
Slave address 0xEA
sACK
Register address 0x05
sACK
Data 0x5A
Stop
I2C WRITE
从0x05寄存器读回数据
SCLK
SDA
Start
sACK
Slave address 0xEA
sACK
Register address 0x05
mNACK
Data 0x5A
Stop
Restart
sACK
Slave address 0xEB
I2C Read
在 I2C 模式下,IP5312 关机时 L3 为低电平,IP5312 开机时 L3 为高电平,可以用 L3 来作为 MCU 的唤醒
控制。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com