Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  3A charging, 15W discharge, integrated fast charge input and output function, mobile power supply, SOC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IP5312
V1.0
Email: service@injoinic.com
6 / 17
Copyright © 2014, Injoinic Corp.
充电电流
ICHRG
VIN =5V
2.1
2.3
A
VIN >=7V
3.0
3.2
A
涓流充电电流
ITRKL
VIN=5v,BAT<1.0v
50
100
150
mA
VIN=5v,1.0V<=BAT<3.0v
300
400
500
mA
涓流截止电压
VTRKL
2.9
3
3.1
V
再充电阈值
VRCH
4.08
4.1
4.13
V
充电截止时间
TEND
20
24
27
Hour
升压系统
电池工作电压
VBAT
3.0
4.4
V
开关工作电池输
入电流
IBAT
VBAT=3.7V,VOUT=5.1V,fs=375KHz
2
3
5
mA
VIN=5V,Device not switching
45
75
100
uA
DC 输出电压
VOUT
VOUT=5V@1A
4.95
5.12
5.23
V
VOUT=9V@1A
8.75
9
9.25
VOUT=12V@1A
11.75
12
12.25
V
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=375KHz
50
100
150
mV
升压系统供电电
Ivout
VOUT=5V
3.1
A
VOUT=7V
2.4
A
VOUT=9V
1.6
A
VOUT=12V
1.25
A
升压系统 过流 关
断电流
Ishut
3.4
3.6
3.8
A
负载过流检测时
TUVD
输出电压持续低于 4.4V
30
ms
负载短路检测时
TOCD
输出电流持续大于 4A
150
200
us
控制系统
开关频率
fs
放电开关频率
250
375
750
KHz
充电开关频率
375
500
1000
KHz
PMOS 导通电阻
rDSON
25
30
35
NMOS 导通电阻
13
15
18
VREG 输出电压
VREG
VBAT=3.5V
3.0
3.1
3.2
V
电池输入待机电
ISTB
VIN=0V,VBAT=3.7V
80
90
100
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com