Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 88 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 88 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
Page 88
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegFrfMsb
(0x06)
7-0
Frf(23:16)
rw
0x6c
MSB of the RF carrier frequency
RegFrfMid
(0x07)
7-0
Frf(15:8)
rw
0x80
MSB of the RF carrier frequency
RegFrfLsb
(0x08)
7-0
Frf(7:0)
rw
0x00
LSB of RF carrier frequency
Frf = Fstep × Frf(23;0)
Default value: 434.000 MHz
The RF frequency is taken into account internally only when:
- entering FSRX/FSTX modes
- re-starting the receiver
Registers for the Transmitter
RegPaConfig
(0x09)
7
PaSelect
rw
0x00
Selects PA output pin
0  RFO pin. Maximum power of +14 dBm
1  PA_BOOST pin. Maximum power of +20 dBm
6-4
MaxPower
rw
0x04
Select max output power: Pmax=10.8+0.6*MaxPower [dBm]
3-0
OutputPower
rw
0x0f
Pout=Pmax-(15-OutputPower) if PaSelect = 0 (RFO pins)
Pout=17-(15-OutputPower)
if PaSelect = 1 (PA_BOOST pin)
RegPaRamp
(0x0A)
7
unused
r
0x00
unused
6-5
ModulationShaping
rw
0x00
Data shaping:
In FSK:
00  no shaping
01  gaussian filter BT = 1.0
10  gaussian filter BT = 0.5
11  gaussian filter BT = 0.3
In OOK:
00  no shaping
01  filtering with fcutoff = bit_rate
10  filtering with fcutoff = 2*bit_rate (for bit_rate < 125 kb/s)
11  reserved
4
reserved
rw
0x00
reserved
3-0
PaRamp
rw
0x09
Rise/Fall time of ramp up/down in FSK
0000  3.4 ms
0001  2 ms
0010  1 ms
0011  500 us
0100  250 us
0101  125 us
0110  100 us
0111  62 us
1000  50 us
1001  40 us (d)
1010  31 us
1011  25 us
1100  20 us
1101  15 us
1110  12 us
1111  10 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com