Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 28 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 28 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
Page 28
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Principle of Operation
The principle behind the FHSS scheme is that a portion of each LoRaTM packet is transmitted on each hopping channel
from a look up table of frequencies managed by the host microcontroller.
After a predetermined hopping period the
transmitter and receiver change to the next channel in a predefined list of hopping frequencies to continue transmission
and reception of the next portion of the packet. The time which the transmission will dwell in any given channel is
determined by HoppingPeriod which is an integer multiple of symbol periods:
HoppingPeriod = Ts × FreqHoppingPeriod
The frequency hopping transmission and reception process starts at channel 0. The preamble and header are transmitted
first on channel 0. At the beginning of each transmission the interrupt the channel counter FhssPresentChannel is
incremented and the interrupt signal FhssChangeChannel is generated. The new frequency must then be programmed
within the hopping period to ensure it is taken into account for the next hop, the interrupt FhssChangeChannel is then to be
cleared by writing a logical
„1‟.
FHSS Reception always starts on channel 0. The receiver waits for a valid preamble detection before starting the
frequency hopping process as described above. Note that in the eventuality of header CRC corruption, the receiver will
automatically request channel 0 and recommence the valid preamble detection process.
Timing of Channel Updates
The interrupt requesting the channel change, FhssChannelChange, is generated upon transition to the new frequency. The
frequency hopping process is recapitulated in the diagram below:
Figure 6. Interrupts generated in the case of successful frequency hopping communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com