Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 91 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 91 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 91Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
Page 91
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegAfcBw
(0x13)
7-5
reserved
rw
0x00
reserved
4-3
RxBwMantAfc
rw
0x01
RxBwMant parameter used during the AFC
2-0
RxBwExpAfc
rw
0x03
RxBwExp parameter used during the AFC
RegOokPeak
(0x14)
7-6
reserved
rw
0x00
reserved
5
BitSyncOn
rw
0x01
Enables the Bit Synchronizer.
0  Bit Sync disabled (not possible in Packet mode)
1  Bit Sync enabled
4-3
OokThreshType
rw
0x01
Selects the type of threshold in the OOK data slicer:
00  fixed threshold
10  average mode
01  peak mode (default)
11  reserved
2-0
OokPeakTheshStep
rw
0x00
Size of each decrement of the RSSI threshold in the OOK
demodulator:
000  0.5 dB
001  1.0 dB
010  1.5 dB
011  2.0 dB
100  3.0 dB
101  4.0 dB
110  5.0 dB
111  6.0 dB
RegOokFix
(0x15)
7-0
OokFixedThreshold
rw
0x0C
Fixed threshold for the Data Slicer in OOK mode
Floor threshold for the Data Slicer in OOK when Peak mode is
used
RegOokAvg
(0x16)
7-5
OokPeakThreshDec
rw
0x00
Period of decrement of the RSSI threshold in the OOK
demodulator:
000  once per chip
001  once every 2 chips
010  once every 4 chips
011  once every 8 chips
100  twice in each chip
101  4 times in each chip
110  8 times in each chip
111  16 times in each chip
4
reserved
rw
0x01
reserved
3-2
OokAverageOffset
rw
0x00
Static offset added to the threshold in average mode in order to
reduce glitching activity (OOK only):
00  0.0 dB
10  4.0 dB
01  2.0 dB
11  6.0 dB
1-0
OokAverageThreshFilt
rw
0x02
Filter coefficients in average mode of the OOK demodulator:
00  fC ≈ chip rate / 32.π
01  fC ≈ chip rate / 8.π
10  fC ≈ chip rate / 4.π
11 fC ≈ chip rate / 2.π
RegRes17
to
RegRes19
7-0
reserved
rw
0x47
0x32
0x3E
reserved. Keep the Reset values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com