Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 55 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 55 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 121 page
background image
Page 55
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.7.3. Automatic Restart when Packet Collision is Detected
In receive mode the RF96/97/98 is able to detect packet collision and restart the receiver. Collisions are detected by a
sudden rise in received signal strength, detected by the RSSI. This functionality can be useful in network configurations
where many asynchronous slaves attempt periodic communication with a single a master node.
The collision detector is enabled by setting bit RestartRxOnCollision to 1.
The decision to restart the receiver is based on the detection of RSSI change. The sensitivity of the system can be adjusted
in 1 dB steps by using register RssiCollisionThreshold in RegRxConfig.
4.2.8. Top Level Sequencer
Depending on the application, it is desirable to be able to change the mode of the circuit according to a predefined
sequence without access to the serial interface. In order to define different sequences or scenarios, a user-programmable
state machine, called Top Level Sequencer (Sequencer in short), can automatically control the chip modes.
NOTE THAT THIS FUNCTIONALITY IS ONLY AVAILABLE IN FSK/OOK MODE.
The Sequencer is activated by setting the SequencerStart bit in RegSeqConfig1 to 1 in Sleep or Standby mode (called
initial mode).
It is also possible to force the Sequencer off by setting the Stop bit in RegSeqConfig1 to 1 at any time.
Note
SequencerStart and Stop bit must never be set at the same time.
4.2.8.1. Sequencer States
As shown in the table below, with the aid of a pair of interrupt timers (T1 and T2), the sequencer can take control of the chip
operation in all modes.
Table 70 Sequencer States
Sequencer
State
Description
SequencerOff State
The Sequencer is not activated. Sending a SequencerStart command will launch it.
When coming from LowPowerSelection state, the Sequencer will be Off, whilst the chip will
return to its initial mode (either Sleep or Standby mode).
Idle State
The chip is in low-power mode, either Standby or Sleep, as defined by IdleMode in
RegSeqConfig1
. The Sequencer waits only for the T1 interrupt.
Transmit State
The transmitter in on.
Receive State
The receiver in on.
PacketReceived
The receiver is on and a packet has been received. It is stored in the FIFO.
LowPowerSelection
Selects low power state (SequencerOff or Idle State)
RxTimeout
Defines the action to be taken on a RxTimeout interrupt.
RxTimeout interrupt can be a TimeoutRxRssi, TimeoutRxPreamble or TimeoutSignalSync
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com