Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 96 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 96 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 92Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
Page 96
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegSeqConfig2
(0x37)
7-5
FromReceive
rw
0x00
Controls the Sequencer transition from the Receive state
000 and 111: unused
001: to PacketReceived state on a PayloadReady interrupt
010: to LowPowerSelection on a PayloadReady interrupt
011: to PacketReceived state on a CrcOk interrupt (1)
100: to SequencerOff state on a Rssi interrupt
101: to SequencerOff state on a SyncAddress interrupt
110: to SequencerOff state on a PreambleDetect interrupt
Irrespective of this setting, transition to LowPowerSelection on a
T2 interrupt
(1) If the CRC is wrong (corrupted packet, with CRC on but
CrcAutoClearOn
=0), the PayloadReady interrupt will drive the
sequencer to RxTimeout state.
4-3
FromRxTimeout
rw
0x00
Controls the state-machine transition from the Receive state on a
RxTimeout
interrupt (and on PayloadReady if FromReceive =
011):
00: to Receive State, via ReceiveRestart
01: to Transmit state
10: to LowPowerSelection
11: to SequencerOff state
Note:
RxTimeout interrupt is a TimeoutRxRssi,
TimeoutRxPreamble or TimeoutSignalSync interrupt
2-0
FromPacketReceived
rw
0x00
Controls the state-machine transition from the PacketReceived
state:
000: to SequencerOff state
001: to Transmit state on a FifoEmpty interrupt
010: to LowPowerSelection
011: to Receive via FS mode, if frequency was changed
100: to Receive state (no frequency change)
RegTimerResol
(0x38)
7-4
unused
r
-
unused
3-2
Timer1Resolution
rw
0x00
Resolution of Timer 1
00: Timer1 disabled
01: 64 us
10: 4.1 ms
11: 262 ms
1-0
Timer2Resolution
rw
0x00
Resolution of Timer 2
00: Timer2 disabled
01: 64 us
10: 4.1 ms
11: 262 ms
RegTimer1Coef
(0x39)
7-0
Timer1Coefficient
rw
0xf5
Multiplying coefficient for Timer 1
RegTimer2Coef
(0x3a)
7-0
Timer2Coefficient
rw
0x20
Multiplying coefficient for Timer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com