Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 85 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 85 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
Page 85
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Address
Register Name
Reset
(POR)
Default
(FSK)
Description
FSK/OOK Mode
LoRa
TM Mode
FSK Mode
LoRa
TM Mode
0x1D
RegFeiMsb
RegNbRxBytes
0x00
Value of the calculated
frequency error
Number of received bytes
0x1E
RegFeiLsb
RegRxHeaderInfo
0x00
Info from last header
0x1F
RegPreambleDe-
tect
RegRx-
HeaderCntValue
0x40
0xAA
Settings of the Preamble
Detector
Number of valid headers
received
0x20
RegRxTimeout1
RegRxPacketCnt-
Value
0x00
Timeout Rx request and RSSI
Number of valid packets
received
0x21
RegRxTimeout2
RegModemStat
0x00
Timeout RSSI and Pay-
loadReady
Live LoRaTM modem sta-
tus
0x22
RegRxTimeout3
RegPktSnrValue
0x00
Timeout RSSI and SyncAd-
dress
Espimation of last packet
SNR
0x23
RegRxDelay
RegRssiValue
0x00
Delay between Rx cycles
Current RSSI
0x24
RegOsc
RegPktRssiValue
0x05
0x07
RC Oscillators Settings, CLK-
OUT frequency
RSSi of last packet
0x25
RegPreambleMsb
RegHopChannel
0x00
Preamble length, MSB
FHSS start channel
0x26
RegPreambleLsb
RegRxDataAddr
0x03
Preamble length, LSB
LoRaTM rx data pointer
0x27
RegSyncConfig
RESERVED
0x93
Sync Word Recognition control
RESERVED
0x28-
0x2F
RegSyncValue1-8
0x55
0x01
Sync Word bytes, 1 through 8
0x30
RegPacketConfig1
0x90
Packet mode settings
0x31
RegPacketConfig2
0x40
Packet mode settings
0x32
RegPayloadLength
0x40
Payload length setting
0x33
RegNodeAdrs
RESERVED
0x00
Node address
RESERVED
0x34
RegBroadcastAdrs
0x00
Broadcast address
0x35
RegFifoThresh
0x0F
0x8F
Fifo threshold, Tx start condi-
tion
0x36
RegSeqConfig1
0x00
Top level Sequencer settings
0x37
RegSeqConfig2
0x00
Top level Sequencer settings
0x38
RegTimerResol
0x00
Timer 1 and 2 resolution control
0x39
RegTimer1Coef
0xF5
Timer 1 setting
0x3A
RegTimer2Coef
0x20
Timer 2 setting
0x3B
RegImageCal
0x82
0x02
Image calibration engine con-
trol
0x3C
RegTemp
-
Temperature Sensor value
0x3D
RegLowBat
0x02
Low Battery Indicator Settings
0x3E
RegIrqFlags1
0x80
Status register: PLL Lock state,
Timeout, RSSI
0x3F
RegIrqFlags2
0x40
Status register: FIFO handling
flags, Low Battery
0x40
RegDioMapping1
0x00
Mapping of pins DIO0 to DIO3
0x41
RegDioMapping2
0x00
Mapping of pins DIO4 and DIO5, ClkOut frequency
0x42
RegVersion
0x11
Hope RF ID relating the silicon revision
0x44
RegPllHop
Unused
0x2D
Control the fast frequency hop-
ping mode
Unused
0x4B
RegTcxo
0x09
TCXO or XTAL input setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com