Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 1 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 1 Page - HOPE Microelectronics CO., Ltd.

  RF96 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
Page 1
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
RF96/97/98
RF96/97/98 - 137 MHz to 1020 MHz Low Power Long Range Transceiver
GENERAL DESCRIPTION
The RF96/97/98 transceivers feature the LoRaTM long
range modem that provides ultra-long range spread
spectrum communication and high interference immunity
whilst minimising current consumption.
Using Hope RF
‟s patented LoRaTM modulation technique
RF96/97/98 can achieve a sensitivity of over -148dBm
using a low cost crystal and bill of materials. The high
sensitivity combined with the integrated +20 dBm power
amplifier yields industry leading link budget making it
optimal for any application requiring range or robustness.
LoRaTM
also provides significant advantages in both blocking
and selectivity over conventional modulation techniques,
solving the traditional design compromise between range,
interference immunity and energy consumption.
These devices also support high performance (G)FSK
modes for systems including WMBus, IEEE802.15.4g. The
RF96/97/98 deliver exceptional phase noise, selectivity,
receiver linearity and IIP3 for significantly lower current
consumption than competing devices.
ORDERING INFORMATION
Part Number
Delivery
MOQ / Multiple
RF96
T&R
3000 pieces
RF97
T&R
3000 pieces
RF98
T&R
3000 pieces
QFN 28 Package - Operating Range [-40;+85°C]
Pb-free, Halogen free, RoHS/WEEE compliant product
KEY PRODUCT FEATURES
LoRaTM Modem.
168 dB maximum link budget.
+20 dBm - 100 mW constant RF output vs. V supply.
+14 dBm high efficiency PA.
Programmable bit rate up to 300 kbps.
High sensitivity: down to -148 dBm.
Bullet-proof front end: IIP3 = -12.5 dBm.
Excellent blocking immunity.
Low RX current of 10.3 mA, 200 nA register retention.
Fully integrated synthesizer with a resolution of 61 Hz.
FSK, GFSK, MSK, GMSK, LoRaTM and OOK modulation.
Built-in bit synchronizer for clock recovery.
Preamble detection.
127 dB Dynamic Range RSSI.
Automatic RF Sense and CAD with ultra-fast AFC.
Packet engine up to 256 bytes with CRC.
Built-in temperature sensor and low battery indicator.
APPLICATIONS
Automated Meter Reading.
Home and Building Automation.
Wireless Alarm and Security Systems.
Industrial Monitoring and Control
Long range Irrigation Systems


Similar Part No. - RF96

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF9668 REYCONNS-RF9668 Datasheet
299Kb / 5P
SAW Filter
RF9671 REYCONNS-RF9671 Datasheet
513Kb / 5P
SAW Filter
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9678PCBA RFMD-RF9678PCBA Datasheet
200Kb / 16P
W-CDMA TRANSMIT MODULATOR AND IF AGC
logo
REYCONNS CHINA LIMITED
RF9694 REYCONNS-RF9694 Datasheet
511Kb / 5P
SAW Filter
More results

Similar Description - RF96

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
Low Power Long Range Transceiver
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
Low Power Long Range Transceiver Module
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
Low Power Long Range Transceiver Module V2.0
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
Long Range, Low Power, sub-GHz RF Transceiver
logo
AUREL S.p.A.
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com