Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 69 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 69 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
Page 69
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Optional 2-bytes CRC checksum
Optional DC free data coding
CRC checksum calculation
Preamble
0 to 65536 bytes
Sync Word
0 to 8 bytes
Length
byte
Address
byte
Message
Up to 255 bytes
CRC
2-bytes
Payload
(min 2 bytes)
Fields added by the packet handler in Tx and processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
Figure 34. Variable Length Packet Format
Unlimited Length Packet Format
Unlimited length packet format is selected when bit PacketFormat is set to 0 and PayloadLength is set to 0. The user can
then transmit and receive packet of arbitrary length and PayloadLength register is not used in Tx/Rx modes for counting
the length of the bytes transmitted/received.
In Tx the data is transmitted depending on the TxStartCondition bit. On the Rx side the data processing features like
Address filtering, Manchester encoding and data whitening are not available if the sync pattern length is set to zero
(SyncOn = 0). The filling of the FIFO in this case can be controlled by the bit FifoFillCondition. The CRC detection in Rx is
also not supported in this mode of the packet handler, however CRC generation in Tx is operational. The interrupts like
CrcOk
& PayloadReady are not available either.
An unlimited length packet shown below is made up of the following fields:
Preamble (1010...).
Sync word (Network ID).
Optional Address byte (Node ID).
Message data
Optional 2-bytes CRC checksum (Tx only)
DC free Data encoding
Preamble
0 to 65535
bytes
Sync Word
0 to 8
bytes
Address
byte
Message
unlimited length
Payload
Fields added by the packet handler in Tx and processed and removed in Rx
Message part of the payload
Optional User provided fields which are part of the payload
Figure 35. Unlimited Length Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com