Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF96 Datasheet(PDF) 86 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 86 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
Page 86
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Address
Register Name
Reset
(POR)
Default
(FSK)
Description
FSK/OOK Mode
LoRa
TM Mode
FSK Mode
LoRa
TM Mode
0x4D
RegPaDac
0x84
Higher power settings of the PA
0x5B
RegFormerTemp
-
Stored temperature during the former IQ Calibration
0x5D
RegBitRateFrac
Unused
0x00
Fractional part in the Bit Rate
division ratio
Unused
0x61
RegAgcRef
0x13
Adjustment of the AGC thresholds
0x62
RegAgcThresh1
0x0E
0x63
RegAgcThresh2
0x5B
0x64
RegAgcThresh3
0xDB
others
RegTest
-
Internal test registers. Do not overwrite
Note
- Reset values are automatically refreshed in the chip at Power On Reset
- Default values are the Hope RF recommended register values, optimizing the device operation
- Registers for which the Default value differs from the Reset value are denoted by a * in the tables of section 6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com