Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS7755 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
FS7755
Rev. 1.1
3/22
1.
General Description
The FS7755 is a high accuracy electrical energy measurement IC. The part specifications surpass the
accuracy requirements as quoted in the IEC1036 standard.
The only analog circuitry used in the FS7755 is in the ADCs and reference circuit. All other signal processing
(e.g., DSP) is carried out in the digital domain. This approach provides superior stability and accuracy over
extremes in environmental conditions and over time.
The FS7755 supplies average real power information on the low-frequency outputs F1 and F2. These logic
outputs may be used to directly drive an electromechanical counter or interface to an MCU. The CF logic output
gives instantaneous real power information. This output is intended to be used for calibration purposes or for
interfacing to an MCU.
The FS7755 includes a power supply monitoring circuit on the AVDD supply pin. The FS7755 will remain in a
reset condition until the supply voltage on AVDD reaches 4V. If the supply falls below 4V, the FS7755 will also
be reset and no pulses will be issued on F1, F2, and CF.
An internal no load threshold ensures that the FS7755 does not exhibit any creep when there is no load.
The FS7755 is available in a 24-lead SSOP package.
2.
Features
High Accuracy, Surpasses 50Hz/60Hz IEC 687/1036
Less than 0.1% Error over a Dynamic Range of 500 to 1
Synchronous outputs with CF, F1 and F2
The FS7755 Supplies Average Real Power on the Impulse Outputs F1 and F2
The High-Frequency Output CF Is Intended for Calibration and Supplies Instantaneous Real Power
The Logic Output REVP Can Be Used to Indicate a Potential Miswiring or Negative Power
Direct Drive for Electromechanical Counters and Two Phase Stepper Motors (F1 and F2)
A PGA (Programmable Gain Amplifier) in the Current Channel Allows the Use of Small Values of Shunt and
Burden Resistance
Proprietary ADCs and DSP Provide High Accuracy over Large Variations in Environmental Conditions and
Time
On-Chip Power Supply Monitoring
On-Chip Creep Protection (No Load Threshold)
On-Chip Reference 2.5V ± 8% (30ppm/℃ Typical) with External Overdrive Capability
Single 5V Supply, Low Power (15mW Typical)
Low Cost CMOS Process
3.
Applications
Single Phase Electronic Energy Meter
4.
Ordering Information
FS7755-IS
Package Type
S: SSOP-24
Operating Temperature Range
I: Industrial Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com