Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
FS7755
Rev. 1.1
15/22
Fig10 shows two typical connections for Channel V2. The first option uses a PT (Potential Transformer) to
provide complete isolation from the power line. In the second option, the FS7755 is biased around the
neutral wire, and a resistor divider provides a voltage signal that is proportional to the line voltage. Adjusting
the ratio of Ra, Rb and VR is also a convenient way of carrying out a gain calibration on the meter.
5
Power Supply Monitor
The FS7755 contains an on-chip power supply monitor. The Analog Supply (AVDD) is continuously
monitored by the FS7755. If the supply is less than 4V ± 5%, the FS7755 will be reset. This is useful to
ensure correct device startup at power-up and power-down. The power supply monitor has built in
hysteresis and filtering. This gives a high degree of immunity to false triggering due to noisy supplies.
In Fig11, the trigger level is nominally set at 4V. The tolerance on this trigger level is about ±5%. The
power supply and decoupling for the part should be such that the ripple at AVDD does not exceed 5V ± 5%
as specified for normal operation.
t
t
5V
4V
Active
Reset
Reset
0V
AV
DD
Fig11
On-Chip Power Supply Monitor
6
Power to Impulse Converter
As previous descriptions, the digital output of the low pass filter after multiplication contains the real power
information. However, since this LPF is not an ideal “brick wall” filter implementation, the output signal also
contains attenuated components at the line frequency and its harmonics, i.e., cos(hωt) where h = 1, 2, 3,
and so on. Fig12 shows the instantaneous real power signal at the output of the LPF, which still contains a
significant amount of instantaneous power information, i.e. cos(2ωt). This signal is then passed to the
digital to frequency converter where it is integrated (accumulated) over time to produce an output
frequency. This accumulation of the signal will suppress or average out any non-DC components in the
instantaneous real power signal. The average value of a sinusoidal signal is zero. Hence, the frequency
generated by the FS7755 is proportional to the average real power. Fig12 shows the digital to frequency
converter for steady load conditions, i.e., constant voltage and current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com