Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FS7755
Rev. 1.1
13/22
and:
Ph =
∑
∞
≠1
h
Vh×Ihcosφh
(4)
Φh = αh-βh
As can be seen from Equation (4) above, a harmonic real power component is generated for every
harmonic, provided that harmonic is present in both the voltage and current waveforms. The power factor
calculation has previously been shown to be accurate in the case of a pure sinusoid; therefore the
harmonic real power must also correctly account for the power factor since it is made up of a series of
pure sinusoids.
Note:
The input bandwidth of the analog inputs is 14 kHz with a master clock frequency of 3.579545MHz.
4
Analog Inputs
4.1 Channel V1 (Current Channel)
The voltage output from the current transducer is connected to the FS7755 here. Channel V1 is a fully
differential voltage input. V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel 1 should be less than ±470mV (330mV rms for a pure
sinusoidal signal) for specified operation. Note that Channel 1 has a programmable gain amplifier (PGA)
with user selectable gain of 1, 2, 8, or 16 (see Table I). These gains facilitate easy transducer interfacing.
Fig7 illustrates the maximum signal levels on V1P and V1N. The maximum differential voltage is ±470mV
divided by the gain selection. The differential voltage signal on the inputs must be referenced to a common
mode, e.g., AGND. The maximum common mode signal is ±100 mV as shown in Fig7.
V1P
V1N
AGND
VCM
V1
Differential Input
470mV Max
Common Mode
100mV Max
±
±
V1
VCM
-470mV
+470mV
Fig7 Maximum Signal Levels (Channel 1, Gain = 1)
G1
G0
Gain
Maximum
Differential Signal (mV)
0
0
1
±470
0
1
32
±15
1
0
8
±60
1
1
16
±30
Table I
Gain Selection for Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com