Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
FS7755
Rev. 1.1
12/22
×cos(600)
600
I(t)
I(t)
V(t)
V(t)
Instantaneous
Power Signal
Instantaneous
Power Signal
Instantaneous
Real Power Signal
Instantaneous
Real Power Signal
0V
0V
V× I
2
V×I
2
Fig6 DC Component of Instantaneous Power Signal
Conveys Real Power Information (PF ≦ 1)
3
Non-sinusoidal Voltage and Current
The real power calculation method also holds true for non-sinusoidal current and voltage waveforms. All
voltage and current waveforms in practical applications will have some harmonic content. Using the
Fourier Transform, instantaneous voltage and current waveforms can be expressed in terms of their
harmonic content.
v(t) = V0 +
∑
∞
≠
×
0
2
h
V h×sin(hωt +αh)
(1)
Where:
v(t) is the instantaneous voltage
V0 is the average value
Vh is the rms value of voltage harmonic h
and
αh is the phase angle of the voltage harmonic
i(t) = I0 +
∑
∞
≠
×
0
I
2
h
h×sin(hωt +βh)
(2)
Where:
i(t) is the instantaneous current
I0 is the dc component
Ih is the rms value of current harmonic h
and
βh is the phase angle of the current harmonic
Using Equations (1) and (2), the real power P can be expressed in terms of its fundamental real power
(P1) and harmonic real power (Ph).
P = P1+ Ph
Where:
P1 = V1×I1cosφ1
(3)
φ1 =α1 -β1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com