Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS7755 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FS7755
Rev. 1.1
4/22
5.
Pin Configuration
Fig1 Pin Configuration
6.
Pin Description
Pin
Name
Function
1
DVDD
Digital Power Supply. This pin provides the supply voltage for the digital circuitry in the
FS7755. The supply voltage should be maintained at 5V ± 5% for specified operation.
This pin should be decoupled with a 10μF capacitor in parallel with a ceramic 100nF
capacitor.
2, 4, 19
NC
No Connect
3
AVDD
Analog Power Supply. This pin provides the supply voltage for the analog circuitry in the
FS7755. The supply should be maintained at 5V ± 5% for specified operation. Every
effort should be made to minimize power supply ripple and noise at this pin by the use of
proper decoupling. This pin should be decoupled to AGND with a 10μF capacitor in
parallel with a ceramic 100nF capacitor.
5, 6
V1P, V1N
Analog Inputs for Channel 1 (Current Channel). These inputs are fully differential
voltage inputs with a maximum differential signal level of ±470mV for specified
operation. Channel 1 also has a PGA, and the gain selections are outlined in Table I.
The maximum signal level at these pins is ±1V with respect to AGND. Both inputs have
internal ESD protection circuitry. An overvoltage of ±6V can be sustained on these
inputs without risk of permanent damage.
7, 8
V2P, V2N
Negative and Positive Inputs for Channel 2 (Voltage Channel). These inputs provide a
fully differential input pair. The maximum differential input voltage is ±660mV for
specified operation. The maximum signal level at these pins is ±1V with respect to
AGND. Both inputs have internal ESD protection circuitry, and an over-voltage of ±6V
can also be sustained on these inputs without risk of permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com