Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 17 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 17 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 21Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
FS7755
Rev. 1.1
17/22
FS6611
MCU
Counte r
Time r
CF
REV P*
UP/ DOWN
* REV P must be used i f the meter is bi di recti onal
or di re c ti on of e ne rgy fl ow i s ne e de d
< 10%
CF
Tim e
Average
Frequency
Frequency
Ripple
±
Fig13 Interfacing the FS7755 to MCU
As shown, the frequency output CF is connected to an MCU counter or port. This will count the number of
pulses in a given integration time that is determined by an MCU internal timer. The average power
proportional to the average frequency is given by:
Average Frequency = Average Real Power =
Timer
Counter
The energy consumed during an integration period is given by:
Energy=Average Power×Time=
Time
Counter
×Time=Counter
For the purpose of calibration, this integration time can be 10 to 20 seconds to accumulate enough pulses
to ensure correct averaging of the frequency. In normal operation, the integration time can be reduced to
one or two seconds depending, for example, on the required update rate of a display. With shorter
integration times on the MCU, the amount of energy in each update may still have some small amount of
ripple, even under steady load conditions. However, over a minute or more, the measured energy will have
no ripple.
7.1 Power Measurement Considerations
Calculating and displaying power information will always have some associated ripple that will depend on
the integration period used in the MCU to determine average power and also the load. For example, at
light loads, the output frequency may be 10Hz. With an integration period of two seconds, only about 20
pulses will be counted. The possibility of missing one pulse always exists, since the FS7755 output
frequency is running asynchronously to the MCU timer. This would result in a one-in-twenty (or 5%) error
in the power measurement.
8
Transfer Function
8.1
Frequency Outputs F1 and F2
The FS7755 calculates the product of two voltage signals (on Channel 1 and Channel 2) and then low
pass filters this product to extract real power information. This real power information is then converted to a
frequency. The frequency information is output on F1 and F2 in the form of active low pulses. The pulse
rate at these outputs is relatively low, e.g., 0.34Hz maximum for AC signals with S0 = S1 = 0 (see Table III).
This means that the frequency at these outputs is generated from real power information accumulated
over a relatively long period of time. The result is an output frequency that is proportional to the average
real power. The averaging of the real power signal is implicit to the power to impulse converter. The output
frequency or pulse rate is related to the input voltage signals by the following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com