Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
FS7755
Rev. 1.1
14/22
4.2 Channel V2 (Voltage Channel)
The output of the line voltage transducer is connected to the FS7755 at this analog input. Channel V2 is a
fully differential voltage input. The maximum peak differential signal on Channel 2 is ± 660mV.
V2P
V2N
AGND
VCM
V2
Differential Input
660mV Max
Common Mode
100mV Max
±
±
V2
VCM
-660mV
+660mV
Fig8
Maximum Signal Levels (Channel 2)
Fig8 illustrates the maximum signal levels that can be connected to the FS7755 Channel 2.
Channel 2 must be driven from a common-mode voltage, i.e., the differential voltage signal on
the input must be referenced to a common mode (usually AGND). The analog inputs of the
FS7755 can be driven with common-mode voltages of up to 100mV with respect to AGND.
However, best results are achieved using a common mode equal to AGND.
4.3 Typical Connection Diagrams
Fig9 shows a typical connection diagram for Channel V1. A CT (Current Transformer) is the current
transducer selected for this example. Notice the common-mode voltage for Channel 1 is AGND and is
derived by center tapping the burden resistor to AGND. This provides the complementary analog input
signals for V1P and V1N. The CT turns ratio and burden resistor Rb are selected to give a peak differential
voltage of ±470mV/Gain at maximum load.
Neutral
Phase
I
ph
R
f
R
f
CT
C
f
C
f
V1P
V1N
±
470mV
Gain
Fig9
Typical Connection for Channel 1
Ne u t r a l
P has e
R
f
R
f
PT
C
f
C
f
V2 P
V2 N
±
660 m V
R
f
C
f
V2 P
V2 N
R
a
*
C
f
VR *
R
b
*
±
6 60m V
No t e :
* R
a >> R b + VR
* R
b + VR = R f
Fig10
Typical Connection for Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com