Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
FS7755
Rev. 1.1
22/22
15.
Package Outline
SSOP-24
Note:
1.
Controlling dimension: mm
2.
Refer to JEDEC MO – 150AG
3.
Dimension “D” does not include Mold Flash, Protrusions or Gate Burrs. Mold Flash, Protrusions and
Gate Burrs shall not exceed 0.006” (0.15mm) per end;
4.
Dimension “E” does not include Interlead Flash or Protrusions. Interlead Flash and Protrusion shall not
exceed 0.010” (0.25mm) per side;
5.
Tolerance: ±0.010” (0.25mm) unless otherwise specified
6.
Otherwise dimension follow acceptable spec.
Symbols
Dimensions in mm
Dimensions in Inches
Min
Nom
Max
Min
Nom
Max
A
——
——
2.0
——
——
0.079
A1
0.05
——
——
0.002
——
——
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
——
0.38
0.009
——
0.015
C
0.09
——
0.25
0.004
——
0.01
D
7.90
8.20
8.50
0.311
0.323
0.345
E
7.40
7.80
8.20
0.291
0.307
0.323
E1
5.00
5.30
5.60
0.197
0.209
0.220
e
0.65 BSC
0.026 BSC
L
0.55
0.75
0.95
0.022
0.030
0.037
R1
0.09
——
——
0.004
——
——
R2
0.09
——
——
0.004
——
——
y
——
——
0.10
——
——
0.004
θ
0
o
4
o
8
o
0
o
4
o
8
o
θ1
0
o
——
——
0
o
——
——
θ2
7
o TYP
7
o TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com