Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS7755
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS7755 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755 Datasheet HTML 14Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
FS7755
Rev. 1.1
10/22
12.
Terminology
1
Measurement Error
The error associated with the energy measurement made by the FS7755 is defined by the following
equation:
Percentage Error =
100%
Energy
True
Energy
True
-
FS6611
by the
sured
Energy Mea
×
2
Power Supply Rejection
This quantifies the FS7755 measurement error as a percentage of the reading when the power supplies
are varied.
For the ac PSR measurement, a reading at nominal supplies (5V) is taken. A 200mVrms/100Hz signal is
then introduced onto the supplies and a second reading obtained under the same input signal levels. Any
error introduced is expressed as a percentage of the reading (see Measurement Error definition).
For the dc PSR measurement, a reading at nominal supplies (5V) is taken. The supplies are then varied
±5% and a second reading is obtained with the same input signal levels. Any error introduced is again
expressed as a percentage of the reading.
3
ADC Offset Error
This refers to the dc offset associated with the analog inputs to the ADCs. It means that with the analog
inputs connected to AGND, the ADCs still see a small dc signal (offset). The offset decreases with
increasing gain in Channel V1. This specification is measured at a gain of 1. At a gain of 16, the dc offset is
typically less than 1mV.
4
Gain Error
The gain error of the FS7755 is defined as the difference between the measured output frequency (minus
the offset) and the ideal output frequency. It is measured with a gain of 1 in Channel V1. The difference is
expressed as a percentage of the ideal frequency. The ideal frequency is obtained from the FS7755
transfer function (see Transfer Function section).
5
Gain Error Match
The gain error match is defined as the gain error (minus the offset) obtained when switching between a
gain of 1 and a gain of 8, 16, or 32. It is expressed as a percentage of the output frequency obtained under
a gain of 1. This gives the gain error observed when the gain selection is changed from 1 to 8, 16, or 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com