Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 4 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 4 Page - Nuvoton Technology Corporation

  NUC505-YO2N Datasheet HTML 1Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 2Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 3Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 4Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 5Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 6Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
NUC505
July. 26, 2018
Page 4 of 130
Rev.1.08
6.10.2
Features ...................................................................................... 94
I
2C Serial Interface Controller (Master/Slave) ........................................95
6.11
6.11.1
Overview...................................................................................... 95
6.11.2
Features ...................................................................................... 96
Serial Peripheral Interface (SPI) ........................................................97
6.12
6.12.1
Overview...................................................................................... 97
6.12.2
Features ...................................................................................... 97
SPI Memory Interface Controller (SPIM) ..............................................98
6.13
6.13.1
Overview...................................................................................... 98
6.13.2
Features ...................................................................................... 98
I
2S Controller with Internal Audio CODEC (I2S) ......................................99
6.14
6.14.1
Overview...................................................................................... 99
6.14.2
Features ...................................................................................... 99
USB 2.0 Device Controller (USBD)................................................... 100
6.15
6.15.1
Overview.................................................................................... 100
6.15.2
Features .................................................................................... 100
USB 1.1 Host Controller (USBH) ..................................................... 101
6.16
6.16.1
Overview.................................................................................... 101
6.16.2
Features .................................................................................... 101
Secure-Digital Host Controller (SDHC) .............................................. 102
6.17
6.17.1
Overview.................................................................................... 102
6.17.2
Features .................................................................................... 102
12-bit Analog-to-Digital Converter (ADC)............................................ 103
6.18
6.18.1
Overview.................................................................................... 103
6.18.2
Features .................................................................................... 103
7
ELECTRICAL CHARACTERISTICS ................................................104
Absolute Maximum Ratings............................................................ 104
7.1
DC Characteristics ...................................................................... 105
7.2
AC Electrical Characteristics .......................................................... 108
7.3
7.3.1
External 12 MHz Crystal ................................................................. 108
7.3.2
External 12 MHz High Speed Oscillator ............................................... 108
7.3.3
Typical Crystal Application Circuits ..................................................... 108
7.3.4
Internal 32 kHz Low Speed Oscillator.................................................. 109
Analog Characteristics.................................................................. 110
7.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com