Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 86 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 86 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 82Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 83Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 85Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 86Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 87Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 90Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 130 page
background image
NUC505
July. 26, 2018
Page 86 of 130
Rev.1.08
6.3.3
Clock Generator
The clock generator consists of 4 clock sources, which are listed below:
Real-time clock (RTC_CLK) source can be selected from external 32.768 kHz
external low speed crystal oscillator (LXT) or 32.768 kHz internal low speed RC
oscillator (LIRC)
12 MHz external high speed crystal oscillator (HXT)
Programmable System PLL output clock frequency (PLL_FOUT)
Programmable Audio PLL output clock frequency (APLL_FOUT)
XT1_OUT
External 12
MHz Crystal
(HXT)
HXTEN (CLK_PWRCTL[0])
XT1_IN
PLL
PLL_FOUT
X32_OUT
External 32.768
kHz Crystal
(LXT)
X32_IN
Internal 32.768
kHz Oscillator
(LIRC)
HXT
APLL
APLL_FOUT
1
0
RTC_CLK
LIRC
LXT
RTC_CLKSRC[0]
Figure 6.3-2 Clock Generator Block Diagram
The external crystal oscillator and two capacitors are connected to the
pad “XT1_IN / X32_IN” and pad
“XT1_OUT / X32_OUT”. The capacitance value of the two capacitors may be changed for differential
crystal oscillator from different vender. The load capacitance values and resistance values must be
adjusted according to the selected oscillator. The recommended load capacitance values and
resistance values as
Crystal Oscillator
Capacitance Values
Resistance Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com