| Electronic Components Datasheet Search |
|
NUC505-YO2N Datasheet(PDF) 98 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
NUC505-YO2N Datasheet(HTML) 98 Page - Nuvoton Technology Corporation |
|
98 / 130 page ![]() NUC505 July. 26, 2018 Page 98 of 130 Rev.1.08 SPI Memory Interface Controller (SPIM) 6.13 6.13.1 Overview The SPI Memory Interface Controller performs a serial-to-parallel conversion on data received from the peripheral, and a parallel-to-serial conversion on data received from CPU. This controller can drive up to 2 external peripherals (embedded SPI Flash or external SPI Flash) and act as a SPI master. It can generate an interrupt signal when data transfer is finished and can be cleared by writing 1 to the interrupt flag. The active level of device/slave select signal can be chosen to low active or high active, which depends on the peripheral. Writing a divisor into the SPIM_CTL1 register can program the frequency of serial clock output to the peripheral. This controller contains four 32-bit transmit/receive buffers, and can provide 1 to 4 burst mode operation. The number of bits in each transaction can be 8, 16, 24, or 32; data can be transmitted/received up to four successive transactions in one transfer. 6.13.2 Features Supports SPI master mode Supports DMA mode (DMA Write and DMA Read), Direct Memory Map (DMM) mode, and I/O mode 8-, 16-, 24-, and 32-bit length of transaction Supports standard (1-bit), dual (2-bit), and quad (4-bit) I/O transfer mode Provides burst mode operation, which can transmit/receive data up to four successive transactions in one transfer Two slave/device select lines (embedded SPI Flash or external SPI Flash) Fully static synchronous design with one clock domain |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |