Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 4Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 5Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 6Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
NUC505
July. 26, 2018
Page 8 of 130
Rev.1.08
1
GENERAL DESCRIPTION
The NuMicro
®
NUC505 series 32-bit microcontrollers are embedded with ARM
®
Cortex
® -M4F
core for consumer and industrial applications which need high computing power and rich
communication interfaces.
The ARM
® Cortex® -M4F core within NuMicro® NUC505 series can run up to 100 MHz and support
DSP extensions and Floating Point Unit (FPU) function. The NuMicro
® NUC505 series supports
128 Kbytes embedded SRAM with zero-wait state and 512 KB/ 2 Mbytes embedded SPI Flash
memory, and is equipped with plenty of high performance peripheral devices, such as 24-bit
Audio CODEC, USB2.0 High-speed Device, USB2.0 Full-speed Host, and other peripheral.
The NuMicro
® NUC505 series is suitable for a wide range of applications such as:
Audio and Wireless Audio Applications
Thermal printerDid not find any incorrect format
GPS Tracker / VTDR (Vehicle Travelling Data Recorder)
Others high performance or data intensive computing applications
Key Features:
Core
─ ARM
® Cortex®-M4F core running up to
100 MHz (with DSP and FPU)
Memory
─ 128 KB of SRAM with zero-wait state
─ 512 KB/ 2 MB of SPI Flash
Security for code protection
─ 128-bit key for code protection against
pirating
─ Up to 15 times programming the key
Clock Control
─ 12 MHz crystal oscillator input
─ Up to two PLLs for system clock and
Audio
Up to 12 Communication interfaces
─ USB 2.0 HS Device interface
─ Up to two USB 2.0 FS Host interfaces
─ Up to three UARTs
─ Up to three SPIs
─ Up to two I²C interfaces (up to 1 MHz)
─ SD Host
GPIO
─ Supports up to 25/35/52 GPIOs for
QFN88/LQFP64/LQFP48 respectively
Timer
─ Supports four sets of 32-bit timers
─ Supports two watchdog timers
(Independent and Window)
RTC
─ Supports external power pin VBAT
─ 32 bytes spare registers
─ Internal 32.768 kHz RC with calibration
I
2S
─ Supports Master or Slave mode
operation
─ Supports PCM mode A, PCM mode B,
I
2S and MSB justified data format
─ Supports DMA mode
Audio CODEC
─ Embedded Stereo 24-bit Sigma-Delta
CODEC
─ MIC/LINE-In-THDN: -80 dB, Dynamic
Range SNR: 90 dB (A-Weighted)
─ Headphone Output-THDN:-60dB,
Dynamic Range SNR: 93 dB (A-
Weighted)
─ Sample Rate: 8 kHz to 96 kHz
12-bit ADC
─ Analog input voltage range: 0~ AVDD
─ Supports single 12-bit SAR ADC
conversion
─ Up to 8 channels
─ Up to 1 MSPS conversion with
ADC_CH1, and up to 200 kSPS with
other channels (except ADC_CH0).
Built-in LDO with operating voltage 3.3V
Low Voltage Detector (LVD)
─ With 2 levels: 2.8V / 2.6V
Low Voltage Reset (LVR)
─ Threshold voltage level: 2.4 V
Packages
─ LQFP48, LQFP64, QFN88
─ Temperature range: -40℃~+85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com