Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 72 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 72 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 68Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 76Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
NUC505
July. 26, 2018
Page 72 of 130
Rev.1.08
System Manager
6.2
6.2.1
Overview
The following functions are included in system manager section
 System reset
 System memory map
 Bus arbitration algorithm
 Global control registers
 System Timer (Systick)
 Nested Vectored Interrupt Control (NVIC)
 System control register map and description
6.2.2
System Reset
 Hardware Reset
─
Power-on Reset (POR)
─
Low level on the nRESET Pin (nRST)
─
Watchdog time-out reset (WDT)
─
Low voltage reset (LVR)
 Software Reset
─
SYSRESETREQ (AIRCR[2])
─
CPU Reset (SYS_IPRST0[0])
─
CHIPRST (SYS_IPRST0 [1])
Note1: SYSRESETREQ (AIRCR[2]) reset the whole chip including all peripherals, but does not reset
SPIM function, vector map module parameter setting, and PA.8~PA.15 multi-function setting.
Note2: CPU Rest (SYS_IPRST0[0]) only resets the CPU function.
Note3: CHIPRST (SYS_IPRST0[1]) reset the whole chip including all peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com