Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 62 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 62 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 61Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 65Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 66Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
NUC505
July. 26, 2018
Page 62 of 130
Rev.1.08
4.3.8
Summary GPIO Multi-function Pin Description
MPF0
MPF1
MPF2
MPF3
MPF4
Other
Driving
PA.0
ADC_CH0
2~16mA
PA.1
ADC_CH 1
2~16mA
PA.2
ADC_CH 2
2~16mA
PA.3
ADC_CH 3
2~16mA
PA.4
ADC_CH 4
2~16mA
PA.5
ADC_CH 5
2~16mA
PA.6
ADC_CH 6
2~16mA
PA.7
ADC_CH 7
2~16mA
PA.8
SPIM_SS
I2S_LRCLK
UART1_TXD
8mA
PA.9
SPIM_CLK
I2S_BCLK
UART1_RXD
SYSCFG[0]
8mA
PA.10
SPIM_MOSI
I2C1_SCL
SD_CLK
SYSCFG[1]
8mA
PA.11
SPIM_MISO
I2C1_SDA
SD_CMD
8mA
PA.12
SPIM_D2
TM0_CNT_OUT
8mA
PA.13
SPIM_D3
TM0_EXT
SD_nCD
8mA
PA.14
I2C0_SCL
SD_DAT0
4mA
PA.15
I2C0_SDA
SD_DAT1
4mA
PB.0
I2C0_SCL
UART0_TXD
SD_DAT2
4mA
PB.1
I2C0_SDA
UART0_RXD
SD_DAT3
4mA
PB.2
SPI0_SS
SD_CMD
4mA
PB.3
SPI0_CLK
SD_CLK
SYSCFG[2]
4mA
PB.4
SPI0_MOSI
SYSCFG[3]
4mA
PB.5
SPI0_MISO
SD_nCD
4mA
PB.6
UART1_TXD
SD_DAT0
4mA
PB.7
UART1_RXD
SD_DAT1
4mA
PB.8
USBH_PWEN
TM1_CNT_OUT
UART1_nCTS
SD_DAT2
4mA
PB.9
USBH_OVD
TM1_EXT
UART1_nRTS
SD_DAT3
4mA
PB.10
SPI1_SS
I2C1_SCL
UART2_TXD
PWM_CH0
4mA
PB.11
SPI1_CLK
I2C1_SDA
UART2_RXD
PWM_CH1
4mA
PB.12
SPI1_MOSI
USBH1_D+
UART2_nCTS
PWM_CH2
8mA
PB.13
SPI1_MISO
USBH1_D-
UART2_nRST
PWM_CH3
8mA
PB.14
USBH1_D+
I2C1_SCL
8mA
PB.15
USBH1_D-
I2C1_SDA
8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com