Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 87 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 87 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 83Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 85Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 86Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 87Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 91Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
NUC505
July. 26, 2018
Page 87 of 130
Rev.1.08
12 MHz
20pF
1 M
Ω
32.768 kHz
33pF
10 M
Ω
Table 6.3-1 Recommended Load Capacitance Values and Resistance Values.
C1
C2
R
crystal
CHIP
BOARD
External
Crystal
CLOCK_OUT
XT_IN /
X32_IN
XT_OUT /
X32_OUT
Figure 6.3-3
Crystal Oscillator Circuit
6.3.4
Power-down Mode Clock
When entering Power-down mode, system clocks, some clock sources and some peripheral clocks
are disabled. Some clock sources and peripherals clock are still active in Power-down mode.
The clocks which still keep active are listed below:
Clock Generator
32.768 kHz internal low speed RC oscillator (LIRC) clock
32.768 kHz external low speed crystal oscillator (LXT) clock
In Power-down mode, If the woke-up even occurred, the disabled clocks will be regenerated after
PDWKPSC (CLK_PWRCTL[23:8]) x 256 HXT cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com