Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 63 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 63 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 61Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 65Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 66Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 67Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
NUC505
July. 26, 2018
Page 63 of 130
Rev.1.08
PC.0
SD_CMD
8mA
PC.1
SD_CLK
8mA
PC.2
SD_nCD
8mA
PC.3
8mA
PC.4
SD_DAT0
8mA
PC.5
SD_DAT1
8mA
PC.6
SD_DAT2
8mA
PC.7
SD_DAT3
8mA
PC.8
I2S_MCLK
4mA
PC.9
I2S_DI
TM2_CNT_OUT
PWM_CH0
4mA
PC.10
I2S_DO
TM2_EXT
PWM_CH1
4mA
PC.11
I2S_LRCLK
TM3_CNT_OUT
PWM_CH2
4mA
PC.12
I2S_BCLK
TM3_EXT
PWM_CH3
4mA
PC.13
USBH2_D+
8mA
PC.14
USBH2_D-
8mA
PD.0
I2C0_SCL
ICE_CLK
4mA
PD.1
I2C0_SDA
ICE_DAT
4mA
PD.2
MIC1_P
2~16mA
PD.3
MIC1_N
2~16mA
PD.4
RLINEIN
2~16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com