Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2N Datasheet(PDF) 75 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 75 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 79Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 130 page
background image
NUC505
July. 26, 2018
Page 75 of 130
Rev.1.08
0x2000_0000
– 0x2000_7FFF
SRAM1_BA
SRAM1 Memory Space (32K Bytes)
0x2000_8000
– 0x2000_FFFF
SRAM2_BA
SRAM2 Memory Space (32K Bytes)
0x2001_0000
– 0x2001_7FFF
SRAM3_BA
SRAM3 Memory Space (32K Bytes)
0x2001_8000
– 0x2001_FFFF
SRAM4_BA
SRAM4 Memory Space (32K Bytes)
0x0000_0000
– 0x0FFF_FFFF
FLASH_BA
SPI Flash/ROM Memory Space
AHB Controllers Space (0x4000_0000 ~0x4000FFFF)
0x4000_0000
– 0x4000_01FF
GCR_BA
Global Control Registers
0x4000_0200
– 0x4000_02FF
CLK_BA
Clock Control Registers
0x4000_7000
– 0x4000_7FFF
SPIM_BA
SPIM Control Register
0x4000_9000
– 0x4000_9FFF
USBD_BA
USB Device Controller Registers
0x4000_A000
– 0x4000_AFFF
SDH_BA
SDH Control Register
0x4000_B000
– 0x4000_BFFF
USBH_BA
USB Host Controller Registers
APB Controllers Space (0x400E_0000~0x400E_FFFF)
0x400E_1000
– 0x400E_1FFF
SPI1_BA
SPI1 Master/Slave Controller Registers (SPI1)
0x400E_2000
– 0x400E_2FFF
ADC_BA
ADC Controller Registers
0x400E_3000
– 0x400E_3FFF
GPIO_BA
GPIO Controller Registers
0x400E_4000
– 0x400E_4FFF
I2C0_BA
I2C0 Interface Control Registers
0x400E_5000
– 0x400E_5FFF
I2C1_BA
I2C1 Interface Control Registers
0x400E_6000
– 0x400E_6FFF
PWM_BA
PWM Controller Registers
0x400E_7000
– 0x400E_7FFF
RTC_BA
Real Time Clock (RTC) Control Register
0x400E_8000
– 0x400E_8FFF
I2S_BA
Inter-IC Sound (I
2S) Control Register
0x400E_9000
– 0x400E_9FFF
SPI0_BA
SPI0 Master/Slave Controller Registers (SPI0)
0x400E_A000
– 0x400E_AFFF
Timer01_BA
Timer0/Timer1 Control Registers
0x400E_B000
– 0x400E_BFFF
Timer23_BA
Timer2/Timer3 Control Registers
0x400E_C000
– 0x400E_CFFF
UART0_BA
UART0 Control Registers (Normal Speed)
0x400E_D000
– 0x400E_DFFF
UART1_BA
UART1 Control Registers (High Speed)
0x400E_E000
– 0x400E_EFFF
UART2_BA
UART2 Control Registers (High Speed)
0x400E_F000
– 0x400E_FFFF
WDT_BA
WDT Interface Control Registers
System Controllers Space (0xE000_E000 ~ 0xE000_EFFF)
0xE000_E010
– 0xE000_E0FF
SCS_BA
System Timer Control Registers
0xE000_E100
– 0xE000_ECFF
SCS_BA
External Interrupt Controller Control Registers
0xE000_ED00
– 0xE000_ED8F
SCS_BA
System Control Registers
Table 6.2-2 Address Space Assignments for On-Chip Controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com